Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788TR Datasheet(PDF) 35 Page - STMicroelectronics

Part # L9788TR
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788TR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L9788TR Datasheet HTML 31Page - STMicroelectronics L9788TR Datasheet HTML 32Page - STMicroelectronics L9788TR Datasheet HTML 33Page - STMicroelectronics L9788TR Datasheet HTML 34Page - STMicroelectronics L9788TR Datasheet HTML 35Page - STMicroelectronics L9788TR Datasheet HTML 36Page - STMicroelectronics L9788TR Datasheet HTML 37Page - STMicroelectronics L9788TR Datasheet HTML 38Page - STMicroelectronics L9788TR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 264 page
background image
DS12308 Rev 4
35/264
L9788
Operation behavior
263
Figure 7. Wake up timer block diagram
WAKE_UP_TIMER_CNT Register can be read via MSC. Wake up timer_SET Register can
be read and write via MSC.
3.1.8
Power on with PHOLD_EN (EOT function 3)
The chip is kept switched on by an MSC command (PHOLD_EN CONFIG_REG1[0]) even
though one of the power down sources has been asserted (KEY_IN, WK_IN,
WAKE_UP_TIMER, WAKE_UP_CAN). The chip is kept on in power hold mode for a time
programmed (default is infinity) by MSC (PHOLD_TIME[0:1] CONFIG_REG1 (D1;D2)). This
is also EOT function 3. The power hold mode is enabled by MSC and is cleared by the
conditions reported in the reset matrix.
After setting the PHOLD_EN=CONFIG_REG1[0]=1 the PHOLD and the PHOLD timer are
enabled when the KEY_DET, WK_IN_DET, WAKE_UP_EOT_DET, WAKE_UP_CAN_DET
detections are not active. The PHOLD_TIMER[14:0]=READ12.FRAME[2:1] starts counting
when the KEY_DET, WK_IN_DET, WAKE_UP_EOT_DET, WAKE_UP_CAN_DET
detections are cleared. When the PHOLD_TIME=CONFIG_REG1[2:1] is configured as 00
(default) the timeout is disabled and the PHOLD_TIMER[14:0]=READ12.FRAME[2:1] is
read always at 0.
Table 12. Wake up timer resolution
range
resolution
0 - 16777215
1 second
V3V3 regulator
Oscillator
32KHz
internal
RC
Wake Up Timer Register
(read only)
Wake Up SET Timer Register
(read and write)
comparator
MSC Register in VB block
Main Relay Driver
MSC Register in STBY block
STBY block
VB block
STBY
GADG2411161451PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com