Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788TR Datasheet(PDF) 18 Page - STMicroelectronics

Part # L9788TR
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788TR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L9788TR Datasheet HTML 14Page - STMicroelectronics L9788TR Datasheet HTML 15Page - STMicroelectronics L9788TR Datasheet HTML 16Page - STMicroelectronics L9788TR Datasheet HTML 17Page - STMicroelectronics L9788TR Datasheet HTML 18Page - STMicroelectronics L9788TR Datasheet HTML 19Page - STMicroelectronics L9788TR Datasheet HTML 20Page - STMicroelectronics L9788TR Datasheet HTML 21Page - STMicroelectronics L9788TR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 264 page
background image
Block diagram and pin description
L9788
18/264
DS12308 Rev 4
40
RLY3
Relay Driver output voltage
Power Out
-
41
RLY4
Relay Driver output voltage
Power Out
-
42
RLY5
Relay Driver output voltage
Power Out
-
43
IGN3
Ignition pre-driver output voltage
Power Out
-
44
IGN4
Ignition pre-driver output voltage
Power Out
-
45
MSC_EN
MSC digital I/O voltage
Digital In
-
46
MSC_CK_P
MSC digital I/O voltage
Digital In
-
47
MSC_CK_N
MSC digital I/O voltage
Digital In
-
48
MSC_DI_P
MSC digital I/O voltage
Digital In
-
49
MSC_DI_N
MSC digital I/O voltage
Digital In
-
50
GND1
Power ground
GND
Shorted to GND by
package
51
PRD5_GATE
General purpose pre-drivers gate voltage
Power Out
-
52
PRD5_DRN
General purpose pre-drivers feedback voltage
Power In
-
53
PRD4_DRN
General purpose pre-drivers feedback voltage
Power In
-
54
PRD4_GATE
General purpose pre-drivers gate voltage
Power Out
-
55
PRD2_GATE
General purpose pre-drivers gate voltage
Power Out
-
56
PRD2_DRN
General purpose pre-drivers feedback voltage
Power In
-
57
PRD3_DRN
General purpose pre-drivers feedback voltage
Power In
-
58
PRD3_GATE
General purpose pre-drivers gate voltage
Power Out
-
59
PRD1_GATE
General purpose pre-drivers gate voltage
Power Out
-
60
PRD1_DRN
General purpose pre-drivers feedback voltage
Power In
-
61
IGN6
Ignition pre-driver output voltage
Power Out
-
62
IGN5
Ignition pre-driver output voltage
Power Out
-
63
SOL2
Valve driver output voltage
Power Out
-
64
SOL12_PGND
Ground
GND
-
65
SOL1
Valve driver output voltage
Power Out
-
66
VSENSE3
5V tracking sensor supply output voltage
Power Out
-
67
VSENSE2
5V tracking sensor supply output voltage
Supply Out
-
68
VSENSE1
5V tracking sensor supply output voltage
Supply Out
-
69
VPRE
Buck output voltage
Supply Out
-
70
PDR_GND
Ground pin for predriver supply feedback input
GND
-
71
AD_TEST
AD test pin
Analog Out
-
72
VDD5_IN
5V regulator feedback voltage
Power In
-
73
VDD5_GATE
5V linear regulator pre-driver output
Power Out
-
Table 2. Pin function (continued)
Pin #
Name
Function
Type
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com