Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788TR Datasheet(PDF) 28 Page - STMicroelectronics

Part # L9788TR
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788TR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L9788TR Datasheet HTML 24Page - STMicroelectronics L9788TR Datasheet HTML 25Page - STMicroelectronics L9788TR Datasheet HTML 26Page - STMicroelectronics L9788TR Datasheet HTML 27Page - STMicroelectronics L9788TR Datasheet HTML 28Page - STMicroelectronics L9788TR Datasheet HTML 29Page - STMicroelectronics L9788TR Datasheet HTML 30Page - STMicroelectronics L9788TR Datasheet HTML 31Page - STMicroelectronics L9788TR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 264 page
background image
Operation behavior
L9788
28/264
DS12308 Rev 4
3
Operation behavior
3.1
Power up/down
3.1.1
Power up/down state diagram chart
The power up/down sequences are shown as state diagram in the following figure:
Figure 4. Power up state diagram
3.1.2
Power up sources and actions summary
KEY_DET=0 and WAKE_IN_DET=0 and WAKE_UP_EOT_DET=0 and WAKE_UP_CAN_DET=0 and PHOLD_TIMEOUT=OFF
or
or
or
or
or
OFF
POWER
UP
ON
POWER
DOWN
POWER ON RESET RELEASE
VPRE and VDD5
UNDERVOLTAGE
DETECTION OF
or
or
WAKE_UP_EOT (end of the counting of the EOT2 function gives WAKE_UP_EOT_DET=1)
or
WAKE_UP_CAN (pattern validated at CAN pins gives WAKE_UP_CAN_DET=1)
KEY=0
WK_IN=0
MRD_TIMEOUT EXPIRED (when system is not powered up by KEY)
KEY_DET=0 and
KEY=1 (high level on KEY pin after Key_Tfilter gives KEY_DET=1)
(low to high level on WK_IN pin gives WAKE_IN_DET=1)
MSC_WAKE_IN_RST=1 and WAKE_UP_EOT_DET=0 and WAKE_UP_CAN_DET=0 and PHOLD_TIMEOUT=OFF
KEY_DET=0 and
MSC_WAKE_UP_EOT_RST=1 and WAKE_UP_CAN_DET=0 and PHOLD_TIMEOUT=OFF
KEY_DET=0 and WAKE_IN_DET=0 and
PHOLD_TIMEOUT(EOT3)=EXPIRED
KEY_DET=0 and WAKE_IN_DET=0 and WAKE_UP_EOT_DET=0 and WAKE_UP_CAN_DET=0 and
(WAKE_IN_DET=1 or WAKE_UP_EOT_DET=1 or WAKE_UP_CAN_DET=1) and FIN_WAKE EXPIRED and PHOLD_TIMEOUT=OFF
KEY_DET=0 and
3V3 digital supply -derived from VB_IN -is present
MSC_WAKE_UP_CAN_RST=1
KEY_DET=0 and WAKE_IN_DET=0 and WAKE_UP_EOT_DET=0 and
and PHOLD_TIMEOUT=OFF
Watchdog PWR_CNT>7
GADG2411161158PS
Table 8. Power up sources and actions summary
KEY_IN
WK_IN
EOT
CAN_FD
VB_IN
MRD
Actions
active
-
-
-
not permanent
on
MRD on by KEY_IN pin
active
-
-
-
permanent
on
MRD on by KEY_IN pin
active
-
-
not permanent
on
MRD on by WK_IN pin
-
active
-
-
permanent
off
MRD used as normal low-side driver (is
controlled by MSC)
-
-
active
-
not permanent
on
MRD on by EOT
-
-
active
-
permanent
off
MRD used as normal low-side driver (is
controlled by MSC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com