Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788TR Datasheet(PDF) 29 Page - STMicroelectronics

Part # L9788TR
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788TR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L9788TR Datasheet HTML 25Page - STMicroelectronics L9788TR Datasheet HTML 26Page - STMicroelectronics L9788TR Datasheet HTML 27Page - STMicroelectronics L9788TR Datasheet HTML 28Page - STMicroelectronics L9788TR Datasheet HTML 29Page - STMicroelectronics L9788TR Datasheet HTML 30Page - STMicroelectronics L9788TR Datasheet HTML 31Page - STMicroelectronics L9788TR Datasheet HTML 32Page - STMicroelectronics L9788TR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 264 page
background image
DS12308 Rev 4
29/264
L9788
Operation behavior
263
3.1.3
Power up from KEY_IN
The chip is powered up if KEY_IN signal stays asserted for Key_Tfilter.There is a MSC bit
(KEY_IN_PIN_FLT in read command 15 frame 2) to indicate the status of KEY_IN pin signal
after filter time.
3.1.4
Power down from KEY_IN when PHOLD = 0
The chip is powered down if KEY_IN signal stays de-asserted for Key_Tfilter if no other
power up source is active.
Condition:
4.8 ≤ VB_IN ≤ 18 V, Tj -40 to 175 °C unless otherwise specified.
-
-
-
active
not permanent
on
MRD on by CAN
-
-
-
active
permanent
off
MRD used as normal low-side driver (is
controlled by MSC)
Table 8. Power up sources and actions summary (continued)
KEY_IN
WK_IN
EOT
CAN_FD
VB_IN
MRD
Actions
Table 9. Key pins electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
VIH
Logic input high
voltage threshold
-
3.6
-
4.1
V
KEY_IN
VIL1
Logic input low
voltage threshold
Main logic in POR
not released
-
3.1
-
3.6
V
KEY_IN
VIL2
Logic input low
voltage threshold
Main logic POR
released
-
1.7
-
2.3
V
KEY_IN
VIHYS
Logic input
hysteresis
-
0.1
-
0.8
V
KEY_IN
Key_Tfilter
Filter time for
switching on/off
Guaranteed by
test scan(1)
7.5
16
24
ms
KEY_IN
Iinput
Input current of
KEY_IN
KEY_IN ≤ 5 V
-
-
340
µA
KEY_IN
RPD
Pull-down resistor KEY_IN = 1 V
170
300
500
kΩ
KEY_IN
1. Filter time for switching on, is active until KEY logic is out of POR, Filter time for switching off, is active until main logic out
of POR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com