Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788TR Datasheet(PDF) 34 Page - STMicroelectronics

Part # L9788TR
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788TR Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L9788TR Datasheet HTML 30Page - STMicroelectronics L9788TR Datasheet HTML 31Page - STMicroelectronics L9788TR Datasheet HTML 32Page - STMicroelectronics L9788TR Datasheet HTML 33Page - STMicroelectronics L9788TR Datasheet HTML 34Page - STMicroelectronics L9788TR Datasheet HTML 35Page - STMicroelectronics L9788TR Datasheet HTML 36Page - STMicroelectronics L9788TR Datasheet HTML 37Page - STMicroelectronics L9788TR Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 264 page
background image
Operation behavior
L9788
34/264
DS12308 Rev 4
Count up
Wake up Timer shall count up the timer from 1 while the MSC Wake Up Timer Start command
is given. When Wake Up Timer Stop command is given, the Wake Up Timer shall stop
counting and hold the value until Wake Up Timer Start command is given again. While the
counter is counting the EOT_STATUS will be 1. If it's not counting EOT_STATUS will be 0.
Wake Up Timer start/stop commands
Wake Up Timer counts up when msc start command in the MSC
WAKE_UP_TIMER_START_STOP register is given. When the msc stop command in the
MSC WAKE_UP_TIMER_START_STOP register is given the timer shall stop counting up
but hold the WAKE_UP_TIMER_CNT Register. The bit can be set or reset via MSC.
WAKE_UP_TIMER_CNT Register
WAKE_UP_TIMER_CNT Register consists of 24 bits it's Read Only. The range of
WAKE_UP_TIMER_CNT is from 0 (h'000000) to 16777215 (h'FFFFFF).
WAKE_UP_TIMER_CNT Register is set to 0 (h'00000) when power on reset of VB_STBY
occurs. WAKE_UP_TIMER_CNT Register is set to all "0" via MSC when power on reset
period or VB_STBY is open.
Wake up timer_SET time register
The Wake up timer_SET register consists of 24 bits. And the register is Read and Write register.
The range of Wake up timer_SET is from 0 (h'000000) to 16777215 (h'FFFFFF). Wake Up
Timer_SET Register is set to 0(h '000000) when power on reset of VB_STBY occurs.
EOT function 1
EOT Function 1 - count “stand” time: After the start of the counter, the counter starts to count
up till the value that has to be set before starting it using Wake_up_timer_SET. If ECU
switches on before the counter reaches the wake up timer_set value, the µC can read the
“stand” time via MSC. If the counter reaches the wake up timer_set value before ECU
switches on, the count keeps the wake up timer_set value.
This function is selected with MSC CONFIG_REG6[6]=EOT_MODE=0. The EOT function 1
does not set WAKE_UP_EOT_DET at 1. EOT_MODE bit can be correctly read only when
wake up timer logic is working, else it is read 0.
VB_STBY must be provided to correctly read the EOT_MODE bit. If VB_STBY is removed
the register content will be lost.
EOT function 2
EOT Function 2 - wake-up via WAKE_UP_TIMER_SET. Set WAKE_UP_TIMER_SET
(CONFIG-REG15-0 / CONFIG-REG15-1/ CONFIG-REG15-2) to a certain value, then start
the counter before shutting down the ECU. The counter counts up until the
WAKE_UP_TIMER_SET is reached. The reaching of WAKE_UP_TIMER_SET activates the
wake signal and will start a wake-up sequence. This function is selected with MSC
CONFIG_REG6[6]=EOT_MODE=1. EOT_MODE bit can be correctly read only when
wake-up timer logic is working, else it is read 0.
VB_STBY supply must be provided to correctly read the EOT_MODE bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com