Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788TR Datasheet(PDF) 95 Page - STMicroelectronics

Part # L9788TR
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788TR Datasheet(HTML) 95 Page - STMicroelectronics

Back Button L9788TR Datasheet HTML 91Page - STMicroelectronics L9788TR Datasheet HTML 92Page - STMicroelectronics L9788TR Datasheet HTML 93Page - STMicroelectronics L9788TR Datasheet HTML 94Page - STMicroelectronics L9788TR Datasheet HTML 95Page - STMicroelectronics L9788TR Datasheet HTML 96Page - STMicroelectronics L9788TR Datasheet HTML 97Page - STMicroelectronics L9788TR Datasheet HTML 98Page - STMicroelectronics L9788TR Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 264 page
background image
DS12308 Rev 4
95/264
L9788
Low-side drivers
263
EnergyRep O2H
Energy repetitive
pulses
Tcase= 130 °C ; I_OT_n =
1.0A 96 Miopulses
-
-
9
mJ
O2H1/2
EnergyRep O2H
Energy repetitive
pulses
Tcase= 140 °C ; I_OT_n =
1.0A 4 Miopulses
-
-
9
mJ
O2H1/2
Driver Reliability Data jump start
EnergyRep O2H
Energy repetitive
pulses
Tcase= 25 °C ; I_OT_n =
2.2A 0.021 Miopulses 10
jumps starts over lifetime,
each start<2
-
-
30
mJ
O2H1/2
EnergyRep O2H
Energy repetitive
pulses
Tcase = 75 °C ; I_OT_n =
1.8A 0.021 Miopulses 10
jumps starts over lifetime,
each start < 2
-
-
18
mJ
O2H1/2
Driver reliability data generator defect
EnergyRep O2H
Energy repetitive
pulses
Tcase = 25 °C ; I_OT_n =
1.6A 0.5 Miopulses
-
-
17.5
mJ
O2H1/2
EnergyRep O2H
Energy repetitive
pulses
Tcase = 135 °C ; I_OT_n =
1.1 A 0.5 Miopulses
-
-
10
mJ
O2H1/2
OFF state diagnostic
VLVT
Short to GND
threshold voltage
Driver tristate, diag enabled
1.9
2.1
VOUT
OPEN
-180
mV
V
O2H1/2
V_OL
Open load threshold
voltage
Driver tristate, diag enabled
VOUT
OPEN
+160
mV
2.9
3.0
V
O2H1/2
VOL
Open load voltage
Driver tristate, diag enabled
2.3
2.5
2.7
V
O2H1/2
I_LS_PU1
Diagnostic pull up
current
In OFF condition,
OUTx < VLVT,
Ipupd_EN = ENB,
Ipupd_MODE = ”1”
2.5
3.6
4.7
mA
O2H1/2
I_LS_PU2
Diagnostic pull up
current
In OFF condition,
OUTx < VLVT,
Ipupd_EN = ENB,
Ipupd_MODE = ”0”
40
70
100
µA
O2H1/2
I_LS_PD1
Diagnostic pull down
current
In OFF condition,
OUTx > VOUTOPEN,
Ipupd_EN = ENB
60
85
105
µA
O2H1/2
Tflt_diagoff1
DIAG Filter time
Filter Mode = 0
75
100
125
µs
O2H1/2
Tflt_diagoff2
DIAG Filter time
Filter Mode = 1
450
600
750
µs
O2H1/2
Table 46. Low-side driver - O2 HEATER electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com