Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788TR Datasheet(PDF) 24 Page - STMicroelectronics

Part # L9788TR
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788TR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L9788TR Datasheet HTML 20Page - STMicroelectronics L9788TR Datasheet HTML 21Page - STMicroelectronics L9788TR Datasheet HTML 22Page - STMicroelectronics L9788TR Datasheet HTML 23Page - STMicroelectronics L9788TR Datasheet HTML 24Page - STMicroelectronics L9788TR Datasheet HTML 25Page - STMicroelectronics L9788TR Datasheet HTML 26Page - STMicroelectronics L9788TR Datasheet HTML 27Page - STMicroelectronics L9788TR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 264 page
background image
Absolute maximum ratings
L9788
24/264
DS12308 Rev 4
2.1
Latch-up trials
Latch-up tests performed according to JEDEC 78 class 2 Level A.
2.2
ESD
VCANH-VCANL
Differential
CAN-bus
voltage
--
-5
10
V
-
1. S: supply pin;
I: input pin;
O: output pin;
I/O: input/output pin
2. -2 V allowed during transients.
Table 3. Absolute maximum ratings (continued)
Pin name
Parameter
Referred to
Constr.
Min
Max
Unit
Pin(1)
Direction
Table 4. ESD
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
ESD HBM Global
HBM global
pins
ESD according to Human
Body Model (HBM), Q100-
002 for global pins;
(100pF/1.5kΩ)
-4
-
4
kV
Global
ESD HBM
HBM local
pins
ESD according to Human
Body Model (HBM), Q100-
002 for all pins;
(100pF/1,5kΩ)
-2
-
2
kV
ALL
ESD HBM Global
CAN
CAN_H,
CAN_L pins
ESD according to Human
Body Model (HBM), Q100-
002 for global pins;
(100pF/1.5kΩ) (1)
-8
-
8
kV
Global
ESD HBM Global
CAN
CAN_H,
CAN_L pins
Direct ESD Test according to
IEC 61000-4-2 (150 pF,
330
) and ‘Hardware
Requirements for LIN, CAN
and Flexray Interfaces in
Automotive Applications’
(version 1.3, 2012-05-04)
-6
-
6
kV
Global
ESD CDM Corner
CDM corner
pins
ESD according to Charged
Device Model (CDM), Q100-
011 Corner pins
-750
-
750
V
Corner
ESD CDM
CDM all pins
ESD according to Charged
Device Model (CDM), Q100-
011 All pins
-500
-
500
V
ALL
1. HBM with all not zapped pins grounded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com