Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788TR Datasheet(PDF) 32 Page - STMicroelectronics

Part # L9788TR
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788TR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L9788TR Datasheet HTML 28Page - STMicroelectronics L9788TR Datasheet HTML 29Page - STMicroelectronics L9788TR Datasheet HTML 30Page - STMicroelectronics L9788TR Datasheet HTML 31Page - STMicroelectronics L9788TR Datasheet HTML 32Page - STMicroelectronics L9788TR Datasheet HTML 33Page - STMicroelectronics L9788TR Datasheet HTML 34Page - STMicroelectronics L9788TR Datasheet HTML 35Page - STMicroelectronics L9788TR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 264 page
background image
Operation behavior
L9788
32/264
DS12308 Rev 4
When VB_STBY_UV happens, it stops the counter.
The counter will resume when vb_stby_uv goes low (no undervoltage).
Table 11. VB_STBY pins electrical characteristics
Symbol
Parameter
Test condition
Min Typ Max Unit
Pin
VVB_STBY_Th
VB_STBY voltage
range that EOT counter
keep data or operating
correctly
-
3.5
-
-
V
VB_STBY
IVB_STBY_EOT_disable
VB_STBY current with
EOT 32 kHz Clock
device OFF
3.5 < VB_STBY< 18 V
VB_CAN < 0.7 V
-
-
30
µA
VB_STBY
IVB_STBY_ EOT_enable
VB_STBY current with
EOT 32 kHz Clock
device ON
3.5 < VB_STBY< 18 V
VB_CAN < 0.7 V
-40 °C < Tamb < 80 °C
-
-
50
µA
VB_STBY
IVB_STBY_EOT_enable
VB_STBY current with
EOT 32 kHz Clock
device ON
3.5 < VB_STBY< 18 V
VB_CAN < 0.7 V
80 °C < Tamb < 125 °C
-
-
70
µA
VB_STBY
EOT_clock_frequency
Freq EOT 32 kHz Clock
internal components
6 V < VB_STBY <18 V
-40° C <Tamb < 80 °C
-6%
1
+6%
Hz
VB_STBY
EOT_clock_frequency
Freq EOT 32 kHz Clock
internal components
6 < VB_STBY < 18 V
80 °C < Tamb < 125 °C
-7%
1
+7%
Hz
VB_STBY
VB_STBY_UV
VB_STBY under
voltage threshold the
32 kHz clock is active
but counter is stopped
during crank.
VB_STBY > 3.1 V
3.5
-
5
V
VB_STBY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com