Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788TR Datasheet(PDF) 38 Page - STMicroelectronics

Part # L9788TR
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788TR Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L9788TR Datasheet HTML 34Page - STMicroelectronics L9788TR Datasheet HTML 35Page - STMicroelectronics L9788TR Datasheet HTML 36Page - STMicroelectronics L9788TR Datasheet HTML 37Page - STMicroelectronics L9788TR Datasheet HTML 38Page - STMicroelectronics L9788TR Datasheet HTML 39Page - STMicroelectronics L9788TR Datasheet HTML 40Page - STMicroelectronics L9788TR Datasheet HTML 41Page - STMicroelectronics L9788TR Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 264 page
background image
Operation behavior
L9788
38/264
DS12308 Rev 4
Finish wake function can be disabled by power supply undervoltage. The reset sources of
FIN_WAKE bit are the same as fin_wake function.
Software can decide to clear the WK_IN_DET, WAKE_UP_EOT_DET or
WAKE_UP_CAN_DET before or after the impulse timer timeout, through set WK_IN_RST,
WAKE_UP_EOT_RST or WAKE_UP_CAN_RST to 1
FIN_WAK function is stopped by
1.
FIN_WAKE time out,
2.
FIN_WAKE BIT =1,
3.
WK_IN_RST / WK_EOT_RST /WK_CAN_RST of relevant detect signal.
When WK_IN_DET & WK_EOT_ DET &WK_CAN_ DET =0, FIN_WAK can be re-triggered
by any detection of WK_IN_DET / WK_EOT_ DET /WK_CAN_ DET. The counter is
restarted from 0.
Figure 9. Impulse timer clear WAKE_IN_DET after time out
Figure 10. Impulse timer disabled before time out
WK_IN pin
WAKE_IN_DET
Impulse timer
Tfin_wk
The time out of impulse timer
clears the WAKE_IN_DET
GADG1403171445PS
WK_IN pin
WAKE_IN_DET
Impulse timer
MSC
Tfin_wk
MSC Command to stop
the impulse Counter
GADG1403171500PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com