Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788TR Datasheet(PDF) 73 Page - STMicroelectronics

Part # L9788TR
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788TR Datasheet(HTML) 73 Page - STMicroelectronics

Back Button L9788TR Datasheet HTML 69Page - STMicroelectronics L9788TR Datasheet HTML 70Page - STMicroelectronics L9788TR Datasheet HTML 71Page - STMicroelectronics L9788TR Datasheet HTML 72Page - STMicroelectronics L9788TR Datasheet HTML 73Page - STMicroelectronics L9788TR Datasheet HTML 74Page - STMicroelectronics L9788TR Datasheet HTML 75Page - STMicroelectronics L9788TR Datasheet HTML 76Page - STMicroelectronics L9788TR Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 264 page
background image
DS12308 Rev 4
73/264
L9788
Multi-voltage regulator supplies
263
VSCB_TH_VS
Short to battery
threshold
-Vpre
Vpre
+0.2
V
VSENSE1/2/3
VUV_VS_l
VSENSE1/2/3
undervoltage hysteresis
threshold low
-
4.5
4.65
4.75
V
VSENSE1/2/3
VUV_VS_h
VSENSE1/2/3
undervoltage hysteresis
threshold high
-
4.7
4.8
4.9
V
VSENSE1/2/3
VOV_VS
VSENSE1/2/3
overvoltage threshold
-
5.3
5.4
5.5
V
VSENSE1/2/3
PSRRVS
Supply voltage tracking
rejection
f =10 kHz
-35
dB
VSENSE1/2/3
VOS_VS
Over shoot during
power up
-
5.5
V
VSENSE1/2/3
TUV_filter_VS_
running
Undervoltage filter
time(2)
cover by SCAN TEST
16
24
32
µs
VSENSE1/2/3
TOV_filter_VS_
running
Overvoltage filter time(2) cover by SCAN TEST
16
24
32
µs
VSENSE1/2/3
TOC_filter_VS_
running
Overcurrent filter time
cover by SCAN TEST
16
24
32
µs
VSENSE1/2/3
Tmsd_VPRE_H
Thermal
shutdown_High
Comparator threshold and
functionality are tested in
production
185
200
°C
VSENSE1,2,3
Tmsd_VPRE_L Thermal shutdown_Low
Comparator threshold and
functionality are tested in
production
175
190
°C
VSENSE1,2,3
Tmsd_hyst
Thermal hysteresis for
shutdown
-
5
10
°C
VSENSE1,2,3
tmsd_pre_an
Thermal shutdown
analog filter time
Guaranteed by design
1.5
4
µs
VSENSE1,2,3
tmsd_pre_dig
Thermal shutdown
digital filter time
Implemented in VHDL
10
20
30
µs
VSENSE1,2,3
1. No oscillation expected with 0mA load current.
2. line and load regulation are guaranteed until the loop is able to regulate after they are defined by low drop parameters;
ITH_VS < IMAX_VS which is guaranteed by design; Over shoot during power up should not be triggered over voltage
warning. When Vtrk output is higher than VSCB_TH_VS, The Vtrk output structure will be switched off automatically in
order to block the big inrush current into chip through Vtrk circuit. When Vtrk output is higher than VOV_VS, an over voltage
flag will be set. UV/OV fault detection during power up sequence is masked until RSTN release to avoid false triggering at
ramp-up phase.
3. No UV/OV violation is expected during specified transient.
4. Specification valid until Tracking regulator is in regulation range, or, in other words, until Vsense X output voltage is
determined by the effect of voltage regulation loop and not by secondary effects on other regulators.
Table 31. Tracking sensor supplies electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com