Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788TR Datasheet(PDF) 79 Page - STMicroelectronics

Part # L9788TR
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788TR Datasheet(HTML) 79 Page - STMicroelectronics

Back Button L9788TR Datasheet HTML 75Page - STMicroelectronics L9788TR Datasheet HTML 76Page - STMicroelectronics L9788TR Datasheet HTML 77Page - STMicroelectronics L9788TR Datasheet HTML 78Page - STMicroelectronics L9788TR Datasheet HTML 79Page - STMicroelectronics L9788TR Datasheet HTML 80Page - STMicroelectronics L9788TR Datasheet HTML 81Page - STMicroelectronics L9788TR Datasheet HTML 82Page - STMicroelectronics L9788TR Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 264 page
background image
DS12308 Rev 4
79/264
L9788
Multi-voltage regulator supplies
263
When VB_IN is higher than 3.1 V (Voff_vb_in), the starter relay and MRD can hold the state.
VB_IN_SW pin is the dedicated supply pin for pre-buck regulator.
Note:
VB_IN_SW must be shorted to VB_IN in PCB layout.
Conditions:
4.8 V ≤ VB_IN ≤ 18 V; Tj -40 to 175° C unless otherwise specified;
6.8
Charge pump
Charge pump provides a permanent voltage of at least 4.8 V above VB_IN when VB_IN is
higher than 5.5 V, the VDD5 linear regulator, H-side switch and so on.
Once VB_IN overvoltage is detected (VB_IN > VOV_VB_IN_H for t>tVBOV2), the charge
pump will be switched off automatically.
Charge pump can provide voltage of 4V above VB_IN when VB_IN in low power condition
(3.1V<VB_IN<5.5V)
This charge pump is for internal use only.
Note:
It is forbidden to use this charge pump pin for external load.
Figure 27. Power up charge pump behavior
Table 38. VB_IN_SW electrical characteristics
Symbol
Parameter
Test
Condition
Min
Typ
Max
Unit
Pin
IVB_IN_sw_STBY VB_IN_SW current in OFF state.
-
-
-
10
µA
VB_IN_SW
GADG0112160905PS
KEY_IN
WK_IN_DET
WAKE_UP_EOT_DET
WAKE_UP_CAN_DET
MRD out
VB_IN / V_CP
Power On Reset
VPRE
t
CHARGE PUMP during Power Up
not permanent battery
Key_Tfilter
V
UV_VB_CP_OFF
V
UV_VB_IN
V
CP
VB_IN
KEY_IN
WK_IN_DET
WAKE_UP_EOT_DET
WAKE_UP_CAN_DET
MRD out
VB_IN / V_CP
Power On Reset
VPRE
t
CHARGE PUMP during Power Up
permanent battery
Key_Tfilter
V
CP
VB_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com