Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 174 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 174 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 170Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 171Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 172Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 173Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 174Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 175Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 176Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 177Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 178Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 400 page
background image
Peripherals
6.10.5.2 TASKS_SEQSTART[n] (n=0..1)
Address offset: 0x008 + (n × 0x4)
Loads the first PWM value on all enabled channels from sequence n, and starts playing that sequence
at the rate defined in SEQ[n]REFRESH and/or DECODER.MODE. Causes PWM generation to start if not
running.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
W
TASKS_SEQSTART
Loads the first PWM value on all enabled channels from sequence n,
and starts playing that sequence at the rate defined in SEQ[n]REFRESH
and/or DECODER.MODE. Causes PWM generation to start if not
running.
Trigger
1
Trigger task
6.10.5.3 TASKS_NEXTSTEP
Address offset: 0x010
Steps by one value in the current sequence on all enabled channels if DECODER.MODE=NextStep. Does
not cause PWM generation to start if not running.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
W
TASKS_NEXTSTEP
Steps by one value in the current sequence on all enabled channels if
DECODER.MODE=NextStep. Does not cause PWM generation to start if
not running.
Trigger
1
Trigger task
6.10.5.4 SUBSCRIBE_STOP
Address offset: 0x084
Subscribe configuration for task STOP
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B
A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
CHIDX
[255..0]
DPPI channel that task STOP will subscribe to
B
RW
EN
Disabled
0
Disable subscription
Enabled
1
Enable subscription
6.10.5.5 SUBSCRIBE_SEQSTART[n] (n=0..1)
Address offset: 0x088 + (n × 0x4)
Subscribe configuration for task SEQSTART[n]
4418_1315 v2.0
174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com