Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 178 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 178 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 174Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 175Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 176Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 177Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 178Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 179Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 180Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 181Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 182Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 400 page
background image
Peripherals
6.10.5.16 PUBLISH_LOOPSDONE
Address offset: 0x19C
Publish configuration for event LOOPSDONE
This event triggers after the last SEQ[1] completion of the loop, and only if looping was enabled (LOOP > 0)
when the sequence playback was started.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B
A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
CHIDX
[255..0]
DPPI channel that event LOOPSDONE will publish to
B
RW
EN
Disabled
0
Disable publishing
Enabled
1
Enable publishing
6.10.5.17 SHORTS
Address offset: 0x200
Shortcuts between local events and tasks
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
E D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
SEQEND0_STOP
Shortcut between event SEQEND[0] and task STOP
Disabled
0
Disable shortcut
Enabled
1
Enable shortcut
B
RW
SEQEND1_STOP
Shortcut between event SEQEND[1] and task STOP
Disabled
0
Disable shortcut
Enabled
1
Enable shortcut
C
RW
LOOPSDONE_SEQSTART0
Shortcut between event LOOPSDONE and task SEQSTART[0]
Disabled
0
Disable shortcut
Enabled
1
Enable shortcut
D
RW
LOOPSDONE_SEQSTART1
Shortcut between event LOOPSDONE and task SEQSTART[1]
Disabled
0
Disable shortcut
Enabled
1
Enable shortcut
E
RW
LOOPSDONE_STOP
Shortcut between event LOOPSDONE and task STOP
Disabled
0
Disable shortcut
Enabled
1
Enable shortcut
6.10.5.18 INTEN
Address offset: 0x300
Enable or disable interrupt
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
H G F E D C B
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
B
RW
STOPPED
Enable or disable interrupt for event STOPPED
4418_1315 v2.0
178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com