Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 176 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 176 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 172Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 173Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 174Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 175Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 176Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 177Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 178Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 179Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 180Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 400 page
background image
Peripherals
6.10.5.9 EVENTS_SEQEND[n] (n=0..1)
Address offset: 0x110 + (n × 0x4)
Emitted at end of every sequence n, when last value from RAM has been applied to wave counter
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
EVENTS_SEQEND
Emitted at end of every sequence n, when last value from RAM has
been applied to wave counter
NotGenerated
0
Event not generated
Generated
1
Event generated
6.10.5.10 EVENTS_PWMPERIODEND
Address offset: 0x118
Emitted at the end of each PWM period
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
EVENTS_PWMPERIODEND
Emitted at the end of each PWM period
NotGenerated
0
Event not generated
Generated
1
Event generated
6.10.5.11 EVENTS_LOOPSDONE
Address offset: 0x11C
Concatenated sequences have been played the amount of times defined in LOOP.CNT
This event triggers after the last SEQ[1] completion of the loop, and only if looping was enabled (LOOP > 0)
when the sequence playback was started.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
EVENTS_LOOPSDONE
Concatenated sequences have been played the amount of times
defined in LOOP.CNT
This event triggers after the last SEQ[1] completion of the loop, and
only if looping was enabled (LOOP > 0) when the sequence playback
was started.
NotGenerated
0
Event not generated
Generated
1
Event generated
6.10.5.12 PUBLISH_STOPPED
Address offset: 0x184
Publish configuration for event STOPPED
4418_1315 v2.0
176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com