Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 259 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 259 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 255Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 256Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 257Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 258Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 259Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 260Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 261Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 262Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 263Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 400 page
background image
Peripherals
6.15 SPU — System protection unit
SPU is the central point in the system to control access to memories, peripherals and other resources.
Listed here are the main features of the SPU:
• ARM TrustZone support, allowing definition of secure, non-secure and non-secure callable memory
regions
• Extended ARMTrustZone, protecting memory regions and peripherals from non-CPU devices like
EasyDMA transfer
• Pin access protection, preventing non-secure code and peripherals from accessing secure pin resources
• DPPI access protection, realized by preventing non-secure code and peripherals to publish from or
subscribe to secured DPPI channels
• External domain access protection, controlling access rights from other MCUs
6.15.1 General concepts
SPU provides a register interface to control the various internal logic blocks that monitor access to
memory-mapped slave devices (RAM, flash, peripherals, etc) and other resources (device pins, DPPI
channels, etc).
For memory-mapped devices like RAM, flash and peripherals, the internal logic checks the address and
attributes (e.g. read, write, execute, secure) of the incoming transfer to block it if necessary. Whether a
secure resource can be accessed by a given master is defined:
For a CPU-type master
By the security state of the CPU and the security state reported by the SPU, for the address in the bus
transfer
For a non-CPU master
By the security attribute of the master that initiates the transfer, defined by a SPU register
The Simplified view of the protection of RAM, flash and peripherals using SPU on page 259 shows a
simplified view of the SPU registers controlling several internal modules.
RAM
Blocks
RAM
Blocks
Cortex-M33
TrustZone-M
aware
CPU
Implementation
defined
attribution unit
(IDAU)
Other
bus
masters
Bus
interconnect
Secure control
logic
Peripherals
RAM
blocks
Flash
SPU
configuration
registers
Secure
control
logic
Internal system logic
Figure 80: Simplified view of the protection of RAM, flash and peripherals using SPU
The protection logic implements a read-as-zero/write-ignore (RAZ/WI) policy:
4418_1315 v2.0
259



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com