Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 263 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 263 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 259Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 260Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 261Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 262Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 263Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 264Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 265Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 266Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 267Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 400 page
background image
Peripherals
Master type
Security violation
Read/Write/Execute protection
violation
Cortex-M33
SecureFault exception
BusFault exception, FLASHACCERR event
EasyDMA
RAZ/WI, FLASHACCERR event
RAZ/WI, FLASHACCERR event
Other masters
RAZ/WI, FLASHACCERR event
RAZ/WI, FLASHACCERR event
Table 80: Error reporting for flash access errors
For a Cortex-M33 master, the SecureFault exception will take precedence over the BusFault exception if a
security violation occurs simultaneously with another type of violation.
6.15.2.3 UICR and FICR protections
The user information configuration registers (UICR) and factory information configuration registers (FICR)
are always considered as secure. FICR registers are read-only. UICR registers can be read and written by
secure code only.
Writing new values to user information configuration registers must follow the procedure described in
NVMC — Non-volatile memory controller on page 29. Code execution from FICR and UICR address spaces
will always be reported as access violation, an exception to this rule applies during a debug session.
6.15.3 RAM access control
The RAM memory space is divided in regions, each of them with configurable permissions settings.
The RAM memory space is divided into 32 regions of 8 KiB.
For each region, four different types of permissions can be configured:
Read
Allows data read access to the region. Code fetch from this region is not controlled by the read
permission but by the execute permission described below.
Write
Allows write access to the region
Execute
Allows code fetch from this region
Secure
Allows only bus accesses with the security attribute set to access the region
Permissions can be set independently. For example, it is possible to configure a RAM region to be
accessible only through secure transfer, being read-only (no write allowed) and non-executable (no
code fetch allowed). For each region, permissions can be set and then locked to prevent subsequent
modifications by using the RAMREGION[n].PERM.LOCK bit.
The following figure shows the RAM memory space and the devided regions:
4418_1315 v2.0
263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com