Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 266 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 266 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 262Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 263Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 264Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 265Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 266Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 267Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 268Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 269Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 270Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 400 page
background image
Peripherals
Master type
Security violation
Read/Write/Execute protection
violation
Cortex-M33
SecureFault exception
BusFault exception, RAMACCERR event
EasyDMA
RAZ/WI, RAMACCERR event
RAZ/WI, RAMACCERR event
Other masters
RAZ/WI, RAMACCERR event
RAZ/WI, RAMACCERR event
Table 81: Error reporting for RAM access errors
For a Cortex-M33 master, the SecureFault exception will take precedence over the BusFault exception if a
security violation occurs simultaneously with another type of violation.
6.15.4 Peripheral access control
Access controls are defined by the characteristics of the peripheral.
Peripherals can have their security attribute set as:
Always secure
For a peripheral related to system control
Always non-secure
For some general-purpose peripherals
Configurable
For general-purpose peripherals that may be configured for secure only access
The full list of peripherals and their corresponding security attributes can be found in Memory map on
page 23. For each peripheral with ID n, PERIPHID[n]. PERM will show whether the security attribute for
this peripheral is configurable or not.
If not hardcoded, the security attribute can configured using the PERIPHID[id].PERM.
At reset, all user-selectable and split security peripherals are set to be secure, with secure DMA where
present.
Secure code can access both secure peripherals and non-secure peripherals.
The nRF9160 does not support runtime security configuration of peripherals. It is thus, advisable that all
security settings on peripherals are set during boot time. Doing so will ensure the desired system security
configuration is deployed simultaneously system-wide.
6.15.4.1 Peripherals with split security
Peripherals with split security are defined to handle use-cases when both secure and non-secure code
needs to control the same resource.
When peripherals with split security have their security attribute set to non-secure, access to specific
registers and bitfields within some registers is dependent on the security attribute of the bus transfer. For
example, some registers will not be accessible for a non-secure transfer.
When peripherals with split security have their security attribute set to secure, then only secure transfers
can access their registers.
See Instantiation on page 24 for an overview of split security peripherals. Respective peripheral chapters
explain the specific security behavior of each peripheral.
6.15.4.2 Peripheral address mapping
Peripherals that have non-secure security mapping have their address starting with 0x4XXX_XXXX.
Peripherals that have secure security mapping have their address starting with 0x5XXX_XXXX.
4418_1315 v2.0
266



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com