Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 269 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 269 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 265Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 266Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 267Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 268Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 269Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 270Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 271Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 272Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 273Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 400 page
background image
Peripherals
The security attribute of a DPPI channel is configured in DPPI[n].PERM (n=0..0) on page 276. When the
secure attribute is set for a channel, only peripherals that have the secure attribute set will be able to
publish events to this channel or subscribe to this channel to receive tasks.
The DPPI controller peripheral (DPPIC) is a split security peripheral, i.e., its security behavior depends on
the security attributes of both the DPPIC and the accessing party. See Special considerations regarding the
DPPIC configuration registers on page 269 for more information about the DPPIC security behavior.
If a non-secure peripheral wants to publish an event on a secure DPPI channel, the channel will ignore the
event. If a non-secure peripheral subscribes to a secure DPPI channel, it will not receive any events from
this channel. The following figure illustrates the principle of operation of the security logic for a subscribed
channel:
SUBSCRIBE_XXXX
DPPI channel[0]
DPPI channel[n]
Security Attribute for DPPI channel [0]
0
n
Security Attribute for DPPI channel [n]
SPU.DPPI[].PERM
SPU.PERIPHID[id].PERM
SECATTR
Peripheral registers
Security
check
Event
(to peripheral core)
Figure 86: Subscribed channel security concept
No error reporting mechanism is associated with the DPPI access control logic.
6.15.6.1 Special considerations regarding the DPPIC configuration registers
DPPI channels can be enabled, disabled and grouped through the DPPI controller (DPPIC). The DPPIC is a
split-security peripheral, and handles both secure and non-secure accesses.
A non-secure peripheral access will only be able to configure and control DPPI channels defined as
non-secure in SPU's DPPI[n].PERM register(s). A secure peripheral access can control all DPPI channels,
independently of the configuration in the DPPI[n].PERM register(s).
The DPPIC allows the creation of group of channels to be able to enable or disable all channels within a
group simultaneously. The security attribute of a group of channels (secure or non-secure) is defined as
follows:
• If all channels (enabled or not) in the group are non-secure, then the group is considered non-secure
• If at least one of the channels (enabled or not) in the group is secure, then the group is considered
secure
A non-secure access to a DPPIC register, or a bitfield controlling a channel marked as secure in
DPPI[n].PERM register(s), will be ignored:
• Write accesses will have no effect
4418_1315 v2.0
269



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com