Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 268 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 268 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 264Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 265Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 266Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 267Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 268Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 269Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 270Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 271Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 272Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 400 page
background image
Peripherals
• Feedback is sent to the master through specific bus error signals, if this is supported by the master.
If the master is a processor supporting ARM TrustZone for Cortex-M, a SecureFault exception will be
generated for security related errors.
• The PERIPHACCERR event will be triggered
6.15.5 Pin access control
Access to device pins can be controlled by the SPU. A pin can be declared as secure so that only secure
peripherals or secure code can access it. Pins declared as non-secure can be accessed by both secure and
non-secure peripherals or code.
The security attribute of each pin can be individually configured in SPU's GPIOPORT[n].PERM register.
When the secure attribute is set for a pin, only peripherals that have the secure attribute set will be able
to read the value of the pin or change it.
Peripherals can select the pin(s) they need access to through their PSEL register(s). If a peripheral has
its attribute set to non-secure, but one of its PSEL registers selects a pin with the attribute set to secure,
the SPU controlled logic will ensure that the pin selection is not propagated. In addition, the pin value
will always be read as zero, to prevent a non-secure peripheral from obtaining a value from a secure pin.
Whereas access to other pins with attribute set as non-secure will not be blocked.
Pins can be assigned to other domains than the application domain by changing the MCUSEL value in the
GPIO PIN_CNF[n] register. Domains that do not have a pin assigned to them can neither control that pin
nor read its status. Any pin configuration set in a domain that doesn't have ownership of that pin will not
take effect until the MCUSEL is updated to assign that pin to the domain. Within each domain, pin access
is controlled by that domain's local security configuration and peripheral PSEL registers. This is illustrated
in the following figure:
Note: The SPU setting will still count when the APP domain accesses its local GPIO peripheral, as
local registers are still writable even though MCUSEL is set to a different domain. Any changes in
the APP GPIO peripheral done to a GPIO controlled by another domain will not affect the GPIO pad
until MCUSEL is changed to APP.
Application MCU
Pin
control
logic
SPU.GPIOPORT[0].PERM
SPU.GPIOPORT[1].PERM
GPIO
P0.0
P0.31
P1.0
P1.n
EXTDOMAIN[n]
GPIO.PIN_CNF[n]
MCUSEL
MCU
selection
logic
Security
control unit
SPU
Security
control unit
PSEL.YYY
PSEL.XXX
Peripherals
PSEL.YYY
PSEL.XXX
Peripherals
Figure 85: Pin access for domains other than the application domain
6.15.6 DPPI access control
Access to DPPI channels can be restricted. A channel can be declared as secure so that only secure
peripherals can access it.
4418_1315 v2.0
268



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com