Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 270 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 270 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 266Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 267Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 268Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 269Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 270Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 271Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 272Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 273Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 274Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 400 page
background image
Peripherals
• Read will always return a zero value
No exceptions are thrown when a non-secure access targets a register or bitfield controlling a secure
channel. For example, if the bit i is set in the DPPI[n].PERM register (declaring the DPPI channel i as
secure), then:
• Non-secure write accesses to registers CHEN, CHENSET and CHENCLR will not be able to write to bit i of
those registers
• Non-secure write accesses to registers TASK_CHG[j].EN and TASK_CHG[j].DIS will be ignored if the
channel group j contains at least one channel defined as secure (it can be the channel i itself or any
channel declared as secured)
• Non-secure read accesses to registers CHEN, CHENSET and CHENCLR will always read zero for the bit at
position i
For the channel configuration registers (DPPIC.CHG[n]), access from non-secure code is only possible if the
included channels are all non-secure, whether the channels are enabled or not. If a DPPIC.CHG[g] register
included one or more secure channels, then the group gis considered as secure and only a secure transfer
can read or write DPPIC.CHG[g]. A non-secure write will be ignored and a non-secure read will return zero.
The DPPIC can subscribe to secure or non-secure channels through SUBSCRIBE_CHG[n] registers in order
to trigger task for enabling or disabling groups of channels. But an event from a non-secure channel will be
ignored if the group subscribing to this channel is secure. An event from a secure channel can trigger both
secure and non-secure tasks.
6.15.7 External domain access control
Other domains with their own CPUs can access peripherals, flash and RAM memories. The SPU allows
controlling accesses from those bus masters.
The external domains can access application MCU memories and peripherals. External domains are
assigned security attributes as described in register EXTDOMAIN[n].PERM.
Domain
Capability register
Permission register
LTE modem
Modem is always a non-secure
domain
Not applicable
Table 83: Register mapping for external domains
The figure below illustrates how the security control units are used to assign security attributes to
transfers initiated by the external domains:
4418_1315 v2.0
270



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com