Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 262 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 262 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 258Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 259Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 260Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 261Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 262Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 263Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 264Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 265Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 266Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 400 page
background image
Peripherals
FLASHREGION[0].PERM
FLASHNSC[0].REGION == n
Access
control
FLASHREGION[n].PERM
SPU registers
Region #n
(secure)
NSC subregion 0
FLASHNSC[0].SIZE == m
m !=0
Region size
Flash address space
Region #n-1
Region #n+1
2(m+4) bytes
Figure 82: Non-secure callable region definition in the flash memory space
The NSC sub-region will only be defined if:
• FLASHNSC[i].SIZE value is non zero
• FLASHNSC[i].REGION defines a secure region
If FLASHNSC[i].REGION and FLASHNSC[j].REGION have the same value, there is only one sub-region
defined as NSC, with the size given by the maximum of FLASHNSC[i].SIZE and FLASHNSC[j].SIZE.
If FLASHNSC[i].REGION defines a non-secure region, then there is no non-secure callable region defined
and the selected region stays non-secure.
6.15.2.2 Flash access error reporting
The SPU and the logic controlled by it will respond with a certain behavior once an access violation is
detected.
The following will happen once the logic controlled by the SPU detects an access violation on one of the
flash ports:
• The faulty transfer will be blocked
• In case of a read transfer, the bus will be driven to zero
• Feedback will be sent to the master through specific bus error signals, if this is supported by the
master. Moreover, the SPU will receive an event that can optionally trigger an interrupt towards the
CPU.
• SecureFault exception will be triggered if security violation is detected for access from Cortex-M33
• BusFault exception will be triggered when read/write/execute protection violation is detected for
Cortex-M33
• FLASHACCERR event will be triggered if any access violations are detected for all master types except
for Cortex-M33 security violation
The following table summarizes the SPU behavior based on the type of initiator and access violation:
4418_1315 v2.0
262



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com