Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 44 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 40Page - STMicroelectronics STM32W108CB Datasheet HTML 41Page - STMicroelectronics STM32W108CB Datasheet HTML 42Page - STMicroelectronics STM32W108CB Datasheet HTML 43Page - STMicroelectronics STM32W108CB Datasheet HTML 44Page - STMicroelectronics STM32W108CB Datasheet HTML 45Page - STMicroelectronics STM32W108CB Datasheet HTML 46Page - STMicroelectronics STM32W108CB Datasheet HTML 47Page - STMicroelectronics STM32W108CB Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 278 page
background image
System modules
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
44/278
Doc ID 16252 Rev 14
6.2
Resets
The STM32W108 resets are generated from a number of sources. Each of these reset
sources feeds into central reset detection logic that causes various parts of the system to be
reset depending on the state of the system and the nature of the reset event.
6.2.1
Reset sources
For power-on reset (POR HV and POR LV) thresholds, see Section 14.3.2: Operating
conditions at power-up on page 242.
Watchdog reset
The STM32W108 contains a watchdog timer (see also the Watchdog Timer section) that is
clocked by the internal 1 kHz timing reference. When the timer expires it generates the reset
source WATCHDOG_RESET to the Reset Generation module.
Software reset
The ARM® Cortex-M3 CPU can initiate a reset under software control. This is indicated with
the reset source SYSRESETREQ to the Reset Generation module.
Note:
When using certain external debuggers, the chip may lock up require a pin reset or power
cycle if the debugger asserts SYSRESETREQ. It is recommended not to write to the
SCS_AIRCR register directly from application code. The ST software provides a reset
function that should be used instead. This reset function ensures that the chip is in a safe
clock mode prior to triggering the reset.
Option byte error
The Flash memory controller contains a state machine that reads configuration information
from the information blocks in the Flash at system start time. An error check is performed on
the option bytes that are read from Flash and, if the check fails, an error is signaled that
provides the reset source OPT_BYTE_ERROR to the Reset Generation module.
If an option byte error is detected, the system restarts and the read and check process is
repeated. If the error is detected again the process is repeated but stops on the 3rd failure.
The system is then placed into an emulated deep sleep where recovery is possible. In this
state, Flash memory readout protection is forced active to prevent secure applications from
being compromised.
Debug reset
The Serial Wire/JTAG Interface (SWJ) provides access to the SWJ Debug Port (SWJ-DP)
registers. By setting the register bit CDBGRSTREQ in the SWJ-DP, the reset source
CDBGRSTREQ is provided to the Reset Generation module.
JTAG reset
One of the STM32W108's pins can function as the JTAG reset, conforming to the
requirements of the JTAG standard. This input acts independently of all other reset sources
and, when asserted, does not reset any on-chip hardware except for the JTAG TAP. If the
STM32W108 is in the Serial Wire mode or if the SWJ is disabled, this input has no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com