Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 74 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 70Page - STMicroelectronics STM32W108CB Datasheet HTML 71Page - STMicroelectronics STM32W108CB Datasheet HTML 72Page - STMicroelectronics STM32W108CB Datasheet HTML 73Page - STMicroelectronics STM32W108CB Datasheet HTML 74Page - STMicroelectronics STM32W108CB Datasheet HTML 75Page - STMicroelectronics STM32W108CB Datasheet HTML 76Page - STMicroelectronics STM32W108CB Datasheet HTML 77Page - STMicroelectronics STM32W108CB Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 278 page
background image
System modules
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
74/278
Doc ID 16252 Rev 14
Power deep sleep control register 2 (PWR_DSLEEPCR2)
Address:
0x4000 0014
Reset value:
0x0000 0001
Reserved, must be kept at reset value
MODE: This bit is used only when the debugger is attached to enable deep sleep mode 0.
Power voltage regulator control register (PWR_VREGCR)
Address:
0x4000 0018
Reset value:
0x0000 0204
Reserved, must be kept at reset value
1V8EN: 1V8 direct control of regulator on/off
Reserved, must be kept at reset value
1V8TRIM: 1V8 regulator trim value
Reserved, must be kept at reset value
1V2EN: 1V2 direct control of regulator on/off
Reserved, must be kept at reset value
1V2TRIM: 1V2 regulator trim value
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
MODE
rw
Bits [31:1]
Bit 0
1: Enables deep sleep mode 0 when the debugger is attached (default condition).
0: Disables deep sleep mode 0 when the debugger is attached (the CPU is in deep sleep
mode 1 or 2).
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
1V8EN
Reserved
1V8TRIM[2:0]
Reserved
1V2EN
Reserved
1V2TRIM[2:0]
rws
rw
rw
rw
rws
rw
rw
rw
Bits [31:12]
Bit 11
1: 1V8 regulator on
0: 1V8 regulator off
Bit 10
Bits [9:7]
Bits [6:5]
Bit 4
1: 1V2 regulator on
0: 1V2 regulator off
Bit 3
Bits [2:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com