Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 93 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 93 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 89Page - STMicroelectronics STM32W108CB Datasheet HTML 90Page - STMicroelectronics STM32W108CB Datasheet HTML 91Page - STMicroelectronics STM32W108CB Datasheet HTML 92Page - STMicroelectronics STM32W108CB Datasheet HTML 93Page - STMicroelectronics STM32W108CB Datasheet HTML 94Page - STMicroelectronics STM32W108CB Datasheet HTML 95Page - STMicroelectronics STM32W108CB Datasheet HTML 96Page - STMicroelectronics STM32W108CB Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
General-purpose input/output
Doc ID 16252 Rev 14
93/278
8.1.7
Wake monitoring
The GPIOx_WAKER registers specify which GPIOs are monitored to wake the processor. If
a GPIO's wake enable bit is set in GPIOx_WAKER, then a change in the logic value of that
GPIO causes the STM32W108 to wake from deep sleep. The logic values of all GPIOs are
captured by hardware upon entering sleep. If any GPIO's logic value changes while in sleep
and that GPIO's GPIOx_WAKER bit is set, then the STM32W108 will wake from deep sleep.
(There is no mechanism for selecting a specific rising-edge, falling-edge, or level on a GPIO:
any change in logic value triggers a wake event.) Hardware records the fact that GPIO
activity caused a wake event, but not which specific GPIO was responsible. Instead,
software should read the state of the GPIOs on waking to determine the cause of the event.
The register GPIO_WAKEFR contains bits to enable digital filtering of the external wakeup
event sources: the GPIO pins, SC1 activity, SC2 activity, and IRQD. The digital filter
operates by taking samples based on the (nominal) 10 kHz LSI RC oscillator. If three
samples in a row all have the same logic value, and this sampled logic value is different from
the logic value seen upon entering sleep, the filter outputs a wakeup event.
In order to use GPIO pins to wake the STM32W108 from deep sleep, the GPIO_WAKE bit in
the WAKE_SEL register must be set. Waking up from GPIO activity does not work with pins
configured for analog mode since the digital logic input is always set to 1 when in analog
mode. Refer to Section 6: System modules on page 42 for information on the STM32W108's
power management and sleep modes.
8.2
External interrupts
The STM32W108 can use up to four external interrupt sources (IRQA, IRQB, IRQC, and
IRQD), each with its own top level NVIC interrupt vector. Since these external interrupt
sources connect to the standard GPIO input path, an external interrupt pin may
simultaneously be used by a peripheral device or even configured as an output. Analog
mode is the only GPIO configuration that is not compatible with using a pin as an external
interrupt.
External interrupts have individual triggering and filtering options selected using the
registers EXTIA_TSR, EXTIB_TSR, EXTIC_TSR, and EXTID_TSR. The bit field INTMOD of
the EXTIx_TSR register enables IRQx's second level interrupt and selects the triggering
mode: 0 is disabled; 1 for rising edge; 2 for falling edge; 3 for both edges; 4 for active high
level; 5 for active low level. The minimum width needed to latch an unfiltered external
interrupt in both level- and edge-triggered mode is 80 ns. With the digital filter enabled (the
FILTEN bit in the EXTIx_TSR register is set), the minimum width needed is 450 ns.
The register EXTI_PR is the second-level interrupt flag register that indicates pending
external interrupts. Writing 1 to a bit in the EXTI_PR register clears the flag while writing 0
has no effect. If the interrupt is level-triggered, the flag bit is set again immediately after
being cleared if its input is still in the active state.
Two of the four external interrupts, IRQA and IRQB, have fixed pin assignments. The other
two external interrupts, IRQC and IRQD, can use any GPIO pin. The EXTIC_CR and
EXTID_CR registers specify the GPIO pins assigned to IRQC and IRQD, respectively.
Table 16 shows how the EXTIC_CR and EXTID_CR register values select the GPIO pin
used for the external interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com