Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 77 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 73Page - STMicroelectronics STM32W108CB Datasheet HTML 74Page - STMicroelectronics STM32W108CB Datasheet HTML 75Page - STMicroelectronics STM32W108CB Datasheet HTML 76Page - STMicroelectronics STM32W108CB Datasheet HTML 77Page - STMicroelectronics STM32W108CB Datasheet HTML 78Page - STMicroelectronics STM32W108CB Datasheet HTML 79Page - STMicroelectronics STM32W108CB Datasheet HTML 80Page - STMicroelectronics STM32W108CB Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
System modules
Doc ID 16252 Rev 14
77/278
Power CPWRUPREQ status register (PWR_CPWRUPREQSR)
Address:
0x4000 0034
Reset value:
0x0000 0000
Reserved, must be kept at reset value
REQ: Status of the SPWRUPREQ
Bit 6 WRAP: Sleep timer wrap
0: Wakeup on WRAP event not detected
1: Wakeup on WRAP event detected
Bit 5 COMPB: Sleep timer compare B
0: Wakeup on COMPB event not detected
1: Wakeup on COMPB event detected
Bit 4 COMPA: Sleep timer compare A
0: Wake up on COMPA event not detected
1: Wake up on COMPA event detected
Bit 3 IRQD: Change of GPIO pin for external interrupt IRQD
0: Wakeup on IRQD event not detected
1: Wakeup on IRQD event detected
Bit 2 SC2: Serial control 2
0: Wakeup on SC2 event not detected
1: Wakeup on SC2 event detected
Bit 1 SC1: Serial control 1
0: Wakeup on SC1 event not detected
1: Wakeup on SC1 event detected
Bit 0 GPIOPIN: Change of programmable GPIO pin (programmable with GPIO wakeup monitoring)
0: Wakeup on GPIO pin not detected
1: Wakeup on GPIO pin detected
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
REQ
r
Bits [31:1]
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com