Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 50 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 46Page - STMicroelectronics STM32W108CB Datasheet HTML 47Page - STMicroelectronics STM32W108CB Datasheet HTML 48Page - STMicroelectronics STM32W108CB Datasheet HTML 49Page - STMicroelectronics STM32W108CB Datasheet HTML 50Page - STMicroelectronics STM32W108CB Datasheet HTML 51Page - STMicroelectronics STM32W108CB Datasheet HTML 52Page - STMicroelectronics STM32W108CB Datasheet HTML 53Page - STMicroelectronics STM32W108CB Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 278 page
background image
System modules
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
50/278
Doc ID 16252 Rev 14
6.3.1
High-frequency internal RC oscillator (HSI)
The high-frequency RC oscillator (HSI) is used as the default system clock source when
power is applied to the core domain. The nominal frequency coming out of reset is 12 MHz.
Most peripherals, excluding the radio peripheral, are fully functional using the HSI clock
source. Application software must be aware that peripherals are clocked at different speeds
depending on whether HSI or HSE OSC is being used. Since the frequency step of HSI is
0.5 MHz and the high-frequency crystal oscillator is used for calibration, the calibrated
accuracy of HSI is ±250 kHz ±40 ppm. The UART and ADC peripherals may not be usable
due to the lower accuracy of the HSI frequency.
See also Section 14.6.1: High frequency internal clock characteristics on page 252.
6.3.2
High-frequency crystal oscillator (HSE OSC)
The high-frequency crystal oscillator (HSE OSC) requires an external 24 MHz crystal with
an accuracy of ±40 ppm. Based upon the application's bill of materials and current
consumption requirements, the external crystal may cover a range of ESR requirements.
The crystal oscillator has a software-programmable bias circuit to minimize current
consumption. ST software configures the bias circuit for minimum current consumption.
All peripherals including the radio peripheral are fully functional using the HSE OSC clock
source. Application software must be aware that peripherals are clocked at different speeds
depending on whether HSI or HSE OSC is being used.
If the 24 MHz crystal fails, a hardware failover mechanism forces the system to switch back
to the high-frequency RC oscillator as the main clock source, and a non-maskable interrupt
(NMI) is signaled to the ARM® Cortex-M3 NVIC.
See also Section 14.6.2: High frequency external clock characteristics on page 252.
6.3.3
Low-frequency internal RC oscillator (LSI10K)
A low-frequency RC oscillator (LSI10K) is provided as an internal timing reference. The
nominal frequency coming out of reset is 10 kHz, and ST software calibrates this clock to
10 kHz. From the tuned 10 kHz oscillator (LSI10K) ST software calibrates a fractional-N
divider to produce a 1 kHz reference clock, LSI1K.
See also Section 14.6.3: Low frequency internal clock characteristics on page 253.
6.3.4
Low-frequency crystal oscillator (LSE OSC)
A low-frequency 32.768 kHz crystal oscillator (LSE OSC) is provided as an optional timing
reference for on-chip timers. This oscillator is designed for use with an external watch
crystal.
See also Section 14.6.4: Low frequency external clock characteristics on page 253.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com