Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 47 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 43Page - STMicroelectronics STM32W108CB Datasheet HTML 44Page - STMicroelectronics STM32W108CB Datasheet HTML 45Page - STMicroelectronics STM32W108CB Datasheet HTML 46Page - STMicroelectronics STM32W108CB Datasheet HTML 47Page - STMicroelectronics STM32W108CB Datasheet HTML 48Page - STMicroelectronics STM32W108CB Datasheet HTML 49Page - STMicroelectronics STM32W108CB Datasheet HTML 50Page - STMicroelectronics STM32W108CB Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
System modules
Doc ID 16252 Rev 14
47/278
6.2.4
Reset register
Reset status register (RST_SR)
Address offset: 0x4000 002C
Reset value: 0x0000 0001
Reserved, must be kept at reset value
LKUP:
OBFAIL:
WKUP:
SWRST:
WDG:
PIN:
PWRLV:
PWRHV:
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
LKUP
OBFAIL
WKUP
SWRST
WDG
PIN
PWRLV
PWRHV
rr
r
r
r
r
r
r
Bits [31:8]
Bit 7
When set to ‘1’, the reset is due to core lockup.
Bit 6
When set to ‘1’, the reset is due to an Option byte load failure (may be set with other bits).
Bit 5
When set to ‘1’, the reset is due to a wake-up from deep sleep.
Bit 4
When set to ‘1’, the reset is due to a software reset.
Bit 3
When set to ‘1’, the reset is due to watchdog expiration.
Bit 2
When set to ‘1’, the reset is due to an external reset pin signal.
Bit 1
When set to ‘1’, the reset is due to the application of a Core power supply (or previously
failed).
Bit 0
Always set to ‘1’, Normal power applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com