Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 60 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 56Page - STMicroelectronics STM32W108CB Datasheet HTML 57Page - STMicroelectronics STM32W108CB Datasheet HTML 58Page - STMicroelectronics STM32W108CB Datasheet HTML 59Page - STMicroelectronics STM32W108CB Datasheet HTML 60Page - STMicroelectronics STM32W108CB Datasheet HTML 61Page - STMicroelectronics STM32W108CB Datasheet HTML 62Page - STMicroelectronics STM32W108CB Datasheet HTML 63Page - STMicroelectronics STM32W108CB Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 278 page
background image
System modules
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
60/278
Doc ID 16252 Rev 14
6.4.4
Event timer
The SysTick timer is an ARM® standard system timer in the NVIC. The SysTick timer can
be clocked from either the FCLK (the clock going into the CPU) or the Sleep Timer clock.
FCLK is either the SCLK or PCLK as selected by CLK_CPUCR (see Section 6.3.5: Clock
switching on page 51).
6.4.5
Slow timer (MAC timer, Watchdog, and Sleeptimer) control and status
registers
These registers are powered from the always-on power domain.
All registers are only writable when in System mode
MACTimer counter register (MACTMR_CNTR)
Address:
0x4000 2038
Reset value:
0x0000 0000
Reserved, must be kept at reset value
CNT[19:0]: MAC timer counter value
MACTimer counter register (MACTMR_CR)
Address:
0x4000 208C
Reset value:
0x0000 0000
Reserved, must be kept at reset value
RST: MAC timer reset
EN: MAC timer enable
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
CNT[19:16]
rw
rw
rw
rw
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
CNT[15:0]
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
Bits [31:20]
Bits [19:0]
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
RST
EN
rw
rw
Bits [31:2]
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com