Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 64 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 60Page - STMicroelectronics STM32W108CB Datasheet HTML 61Page - STMicroelectronics STM32W108CB Datasheet HTML 62Page - STMicroelectronics STM32W108CB Datasheet HTML 63Page - STMicroelectronics STM32W108CB Datasheet HTML 64Page - STMicroelectronics STM32W108CB Datasheet HTML 65Page - STMicroelectronics STM32W108CB Datasheet HTML 66Page - STMicroelectronics STM32W108CB Datasheet HTML 67Page - STMicroelectronics STM32W108CB Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 278 page
background image
System modules
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
64/278
Doc ID 16252 Rev 14
Sleep timer count low register (SLPTMR_CNTL)
Address:
0x4000 6014
Reset value:
0x0000 0000
Reserved, must be kept at reset value
CNTL[15:0]: Sleep timer counter low value
Sleep timer compare A high register (SLPTMR_CMPAH)
Address:
0x4000 6018
Reset value:
0x0000 FFFF
Reserved, must be kept at reset value
CMPAH[15:0]: Sleep timer compare A high value
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
CNTL[15:0]
rrr
rrr
r
r
r
r
r
r
r
r
r
r
Bits [31:16]
Bits [15:0]
This register is only valid following a read of the SLPTMR_CNTH register.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
CMPAH[15:0]
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
Bits [31:16]
Bits [15:0]
Sleep timer compare value - writing to this register updates the SLPTMR_CMPAH register
directly and updates the SLPTMR_CMPAL register from the hold register. This value can only
be changed when the sleep timer is disabled (EN bit set to 0 in the SLPTMR_CR register). If
the value is changed when the sleep timer is enabled (EN bit set to ‘1’ in the SLPTMR_CR
register), a spurious interrupt may be generated. Therefore it is recommended to disable
sleep timer interrupts before changing this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com