Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 59 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 55Page - STMicroelectronics STM32W108CB Datasheet HTML 56Page - STMicroelectronics STM32W108CB Datasheet HTML 57Page - STMicroelectronics STM32W108CB Datasheet HTML 58Page - STMicroelectronics STM32W108CB Datasheet HTML 59Page - STMicroelectronics STM32W108CB Datasheet HTML 60Page - STMicroelectronics STM32W108CB Datasheet HTML 61Page - STMicroelectronics STM32W108CB Datasheet HTML 62Page - STMicroelectronics STM32W108CB Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
System modules
Doc ID 16252 Rev 14
59/278
6.4
System timers
6.4.1
MAC timer
The STM32W108 devices integrate a 20-bit counter (MACTMR_CNTR register) dedicated
to the MAC timer. The counting mode of the MAC timer is controlled using the
MACTMR_CR register. This register (MACTMR_CR) integrates two bits: one to enable the
counting mode and the other to reset the value of the counter (MACTMR_CNTR register).
6.4.2
Watchdog timer
The STM32W108 integrates a watchdog timer which can be enabled to provide protection
against software crashes and ARM® Cortex-M3 CPU lockup. By default, it is disabled at
power up of the always-on power domain. The watchdog timer uses the calibrated 1 kHz
clock (LSI1K) as its reference and provides a nominal 2.048 s timeout. A low water mark
interrupt occurs at 1.792 s and triggers an NMI to the ARM® Cortex-M3 NVIC as an early
warning. When enabled, periodically reset the watchdog timer by writing to the
WDG_KICKSR register before it expires.
The watchdog timer can be paused when the debugger halts the ARM® Cortex-M3. To
enable this functionality, set the bit DBGP bit in the SLPTMR_CR register.
If the low-frequency internal RC oscillator (LSI10K) is turned off during deep sleep, LSI1K
stops. As a consequence the watchdog timer stops counting and is effectively paused
during deep sleep.
The watchdog enable/disable bits are protected from accidental change by requiring a two
step process. To enable the watchdog timer the application must first write the enable code
0xEABE to the WDG_KR register and then set the WDGEN register bit. To disable the timer
the application must write the disable code 0xDEAD to the WDG_KR register and then set
the WDGDIS register bit.
6.4.3
Sleep timer
The STM32W108 integrates a 32-bit timer dedicated to system timing and waking from
sleep at specific times. The sleep timer can use either the calibrated 1 kHz
reference(LSI1K), or the 32 kHz crystal clock (LSE). The default clock source is the internal
1 kHz clock. The sleep timer clock source is chosen with the CLKSEL bit in the
SLPTMR_CR register.
The sleep timer has a prescaler, a divider of the form 2^N, where N can be programmed
from 1 to 2^15. This divider allows for very long periods of sleep to be timed. The timer
provides two compare outputs and wrap detection, all of which can be used to generate an
interrupt or a wake up event.
The sleep timer is paused when the debugger halts the ARM® Cortex-M3. No additional
register bit must be set.
To save current during deep sleep, the low-frequency internal RC oscillator (LSI10K) can be
turned off. If LSI10K is turned off during deep sleep and a low-frequency 32.768 kHz crystal
oscillator is not being used, then the sleep timer will not operate during deep sleep and
sleep timer wake events cannot be used to wakeup the STM32W108.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com