Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 95 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 95 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 91Page - STMicroelectronics STM32W108CB Datasheet HTML 92Page - STMicroelectronics STM32W108CB Datasheet HTML 93Page - STMicroelectronics STM32W108CB Datasheet HTML 94Page - STMicroelectronics STM32W108CB Datasheet HTML 95Page - STMicroelectronics STM32W108CB Datasheet HTML 96Page - STMicroelectronics STM32W108CB Datasheet HTML 97Page - STMicroelectronics STM32W108CB Datasheet HTML 98Page - STMicroelectronics STM32W108CB Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
General-purpose input/output
Doc ID 16252 Rev 14
95/278
PA5
ADC5
PTI_DATA,
TRACEDATA3
nBOOTMODE(2)
Standard
PA6
TIM1_CH3
TIM1_CH3
High
PA7
TIM1_CH4, REG_EN
(3)
TIM1_CH4
High
PB0
VREF
TRACECLK
TIM1CLK, TIM2MSK,
IRQA
Standard
PB1
TIM2_CH1(4), SC1TXD,
SC1MOSI, SC1MISO,
SC1SDA
TIM2_CH1(4), SC1SDA
Standard
PB2
TIM2_CH2(4),
SC1SCLK
TIM2_CH2(4),
SC1MISO, SC1MOSI,
SC1SCL, SC1RXD
Standard
PB3
TIM2_CH3(4),
SC1SCLK
TIM2_CH3(4),
SC1SCLK, UART_CTS
Standard
PB4
TIM2_CH4(4),
UART_RTS
TIM2_CH4(4),
SC1nSSEL
Standard
PB5
ADC0
TIM2CLK, TIM1MSK
Standard
PB6
ADC1
TIM1_CH1
TIM1_CH1, IRQB
High
PB7
ADC2
TIM1_CH2
TIM1_CH2
High
PC0
TRACEDATA1
JRST(5)
High
PC1
ADC3
TRACEDATA0, SWO
Standard
PC2
JTDO(6), SWO
Standard
PC3
JTDI(5)
Standard
PC4
SWDIO(7)
SWDIO(7), JTMS(5)
Standard
PC5
TX_ACTIVE
Standard
PC6
OSC32_IN
nTX_ACTIVE
Standard
PC7
OSC32_OUT
OSC32_EXT
Standard
1.
Default signal assignment (not remapped).
2.
Overrides during reset as an input with pull up.
3.
Overrides after reset as an open-drain output.
4.
Alternate signal assignment (remapped).
5.
Overrides in JTAG mode as an input with pull up.
6.
Overrides in JTAG mode as a push-pull output.
7.
Overrides in Serial Wire mode as either a push-pull output, or a floating input, controlled by the debugger.
Table 17.
GPIO signal assignments (continued)
GPIO
Analog
Alternate function
Input
Output current
drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com