Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 91 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 91 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 87Page - STMicroelectronics STM32W108CB Datasheet HTML 88Page - STMicroelectronics STM32W108CB Datasheet HTML 89Page - STMicroelectronics STM32W108CB Datasheet HTML 90Page - STMicroelectronics STM32W108CB Datasheet HTML 91Page - STMicroelectronics STM32W108CB Datasheet HTML 92Page - STMicroelectronics STM32W108CB Datasheet HTML 93Page - STMicroelectronics STM32W108CB Datasheet HTML 94Page - STMicroelectronics STM32W108CB Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
General-purpose input/output
Doc ID 16252 Rev 14
91/278
8.1.5
nBOOTMODE
nBOOTMODE is a special alternate function of PA5 that is active only during a pin reset
(NRST) or a power-on-reset of the always-powered domain (POR_HV). If nBOOTMODE is
asserted (pulled or driven low) when coming out of reset, the processor starts executing an
embedded serial boot loader instead of its normal program.
While in reset and during the subsequent power-on-reset startup delay (512 high-frequency
RC oscillator periods), PA5 is automatically configured as an input with a pull-up resistor. At
the end of this time, the STM32W108 samples nBOOTMODE: a high level selects normal
startup, and a low level selects the boot loader. After nBOOTMODE has been sampled, PA5
is configured as a floating input. The BOOTMODE bit in the GPIO_DBGSR register
captures the state of nBOOTMODE so that software may act on this signal if required.
Note:
To avoid inadvertently asserting nBOOTMODE, PA5's capacitive load should not exceed
252 pF.
8.1.6
GPIO modes
Analog mode
Analog mode enables analog functions, and disconnects a pin from the digital input and
output logic. Only the following GPIO pins have analog functions:
●
PA4, PA5, PB5, PB6, PB7, and PC1 can be analog inputs to the ADC.
●
PB0 can be an external analog voltage reference input to the ADC, or it can output the
internal analog voltage reference from the ADC.
●
PC6 and PC7 can connect to an optional 32.768 kHz crystal.
Note:
When an external timing source is required, a 32.768 kHz crystal is commonly connected to
PC6 and PC7. Alternatively, when PC7 is configured as a digital input, PC7 can accept a
digital external clock input.
When configured in analog mode:
●
The output drivers are disabled.
●
The internal pull-up and pull-down resistors are disabled.
●
The Schmitt trigger input is connected to a high logic level.
●
Reading GPIOx_IDR returns a constant 1.
Input mode
Input mode is used both for general purpose input and for on-chip peripheral inputs. Input
floating mode disables the internal pull-up and pull-down resistors, leaving the pin in a high-
impedance state. Input pull-up or pull-down mode enables either an internal pull-up or pull-
down resistor based on the GPIOx_ODR register. Setting a bit to 0 in GPIOx_ODR enables
the pull-down and setting a bit to 1 enables the pull up.
When configured in input mode:
●
The output drivers are disabled.
●
An internal pull-up or pull-down resistor may be activated depending on GPIOx_CRH/L
and GPIOx_ODR.
●
The Schmitt trigger input is connected to the pin.
●
Reading GPIOx_IDR returns the input at the pin.
●
The input is also available to on-chip peripherals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com