Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 51 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 47Page - STMicroelectronics STM32W108CB Datasheet HTML 48Page - STMicroelectronics STM32W108CB Datasheet HTML 49Page - STMicroelectronics STM32W108CB Datasheet HTML 50Page - STMicroelectronics STM32W108CB Datasheet HTML 51Page - STMicroelectronics STM32W108CB Datasheet HTML 52Page - STMicroelectronics STM32W108CB Datasheet HTML 53Page - STMicroelectronics STM32W108CB Datasheet HTML 54Page - STMicroelectronics STM32W108CB Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
System modules
Doc ID 16252 Rev 14
51/278
6.3.5
Clock switching
The STM32W108 has two switching mechanisms for the main system clock, providing four
clock modes.
The register bit SW1 in the CLK_HSECR2 register switches between the high-frequency RC
oscillator (HSI) and the high-frequency crystal oscillator (HSE OSC) as the main system
clock (SCLK). The peripheral clock (PCLK) is always half the frequency of SCLK.
The register bit SW2 in the CLK_CPUCR register switches between PCLK and SCLK to
produce the ARM® Cortex-M3 CPU clock (FCLK). The default and preferred mode of
operation is to run the CPU at the lower PCLK frequency, 12 MHz, but the higher SCLK
frequency, 24 MHz, can be selected to give higher processing performance at the expense
of an increase in power consumption.
In addition to these modes, further automatic control is invoked by hardware when Flash
programming is enabled. To ensure accuracy of the Flash controller's timers, the FCLK
frequency is forced to 12 MHz during Flash programming and erase operations.
Table 8.
System clock modes
SW1
CLK_CPUCR
SCLK
PCLK
fCLK
Flash
Program/
Erase Inactive
Flash
Program/
Erase Active
0 (HSI)
0 (Normal CPU)
12 MHz
6 MHz
6 MHz
12 MHz
0 (HSI)
1 (Fast CPU)
12 MHz
6 MHz
12 MHz
12 MHz
1 (HSE OSC)
0 (Normal CPU)
24 MHz
12 MHz
12 MHz
12 MHz
1 (HSE OSC)
1 (Fast CPU)
24 MHz
12 MHz
24 MHz
12 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com