Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 46 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 42Page - STMicroelectronics STM32W108CB Datasheet HTML 43Page - STMicroelectronics STM32W108CB Datasheet HTML 44Page - STMicroelectronics STM32W108CB Datasheet HTML 45Page - STMicroelectronics STM32W108CB Datasheet HTML 46Page - STMicroelectronics STM32W108CB Datasheet HTML 47Page - STMicroelectronics STM32W108CB Datasheet HTML 48Page - STMicroelectronics STM32W108CB Datasheet HTML 49Page - STMicroelectronics STM32W108CB Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 278 page
background image
System modules
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
46/278
Doc ID 16252 Rev 14
6.2.3
Reset generation
The Reset Generation module responds to reset sources and generates the following reset
signals:
●
PORESET
Reset of the ARM® Cortex-M3 CPU and ARM® Cortex-M3
System Debug components (Flash Patch and Breakpoint,
Data Watchpoint and Trace, Instrumentation Trace Macrocell,
Nested Vectored Interrupt Controller). ARM defines
PORESET as the region that is reset when power is applied.
●
SYSRESET
Reset of the ARM® Cortex-M3 CPU without resetting the
Core Debug and System Debug components, so that a live
system can be reset without disturbing the debug
configuration.
●
DAPRESET
Reset to the SWJ's AHB Access Port (AHB-AP).
●
PRESETHV
Peripheral reset for always-on power domain, for peripherals
that are required to retain their configuration across a deep
sleep cycle.
●
PRESETLV
Peripheral reset for core power domain, for peripherals that
are not required to retain their configuration across a deep
sleep cycle.
Table 6 shows which reset sources generate certain resets.
POR HV
POR LV (in deep sleep)
POR LV (not in deep
sleep)
RSTB
Watchdog reset
Software reset
Option byte error
Normal deep sleep
Emulated deep sleep
Debug reset
Table 6.
Generated resets
Reset source
Reset generation
PORESET
SYSRESET
DAPRESET
PRESETHV
PRESETLV
XXX
XX
XXX
X
XXX
XX
XX
XX
XX
X
XX
X
XX
X
XXX
X
XX
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com