Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 45 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 41Page - STMicroelectronics STM32W108CB Datasheet HTML 42Page - STMicroelectronics STM32W108CB Datasheet HTML 43Page - STMicroelectronics STM32W108CB Datasheet HTML 44Page - STMicroelectronics STM32W108CB Datasheet HTML 45Page - STMicroelectronics STM32W108CB Datasheet HTML 46Page - STMicroelectronics STM32W108CB Datasheet HTML 47Page - STMicroelectronics STM32W108CB Datasheet HTML 48Page - STMicroelectronics STM32W108CB Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
System modules
Doc ID 16252 Rev 14
45/278
Deep sleep reset
The Power Management module informs the Reset Generation module of entry into and exit
from the deep sleep states. The deep sleep reset is applied in the following states: before
entry into deep sleep, while removing power from the memory and core domain, while in
deep sleep, while waking from deep sleep, and while reapplying power until reliable power
levels have been detect by POR LV.
The Power Management module allows a special emulated deep sleep state that retains
memory and core domain power while in deep sleep.
6.2.2
Reset recording
The STM32W108 records the last reset condition that generated a restart to the system.
The reset conditions recorded are:
●
PWRHV
Always-on domain power supply failure
●
PWRLV
Core or memory domain power supply failure
●
RSTB
NRST pin asserted
●
WDG
Watchdog timer expired
●
SWRST
Software reset by SYSERSETREQ from ARM® Cortex-M3
CPU
●
WKUP
Wake-up from deep sleep
●
OBFAIL
Error check failed when reading option bytes from Flash
memory
The Reset status register (RST_SR) is used to read back the last reset event. All bits are
mutually exclusive except the OBFAIL bit which preserves the original reset event when set.
Note:
While CPU Lockup is marked as a reset condition in software, CPU Lockup is not
specifically a reset event. CPU Lockup is set to indicate that the CPU entered an
unrecoverable exception. Execution stops but a reset is not applied. This is so that a
debugger can interpret the cause of the error. We recommend that in a live application (i.e.
no debugger attached) the watchdog be enabled by default so that the STM32W108 can be
restarted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com