Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 220 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 220 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 216Page - STMicroelectronics STM32W108CB Datasheet HTML 217Page - STMicroelectronics STM32W108CB Datasheet HTML 218Page - STMicroelectronics STM32W108CB Datasheet HTML 219Page - STMicroelectronics STM32W108CB Datasheet HTML 220Page - STMicroelectronics STM32W108CB Datasheet HTML 221Page - STMicroelectronics STM32W108CB Datasheet HTML 222Page - STMicroelectronics STM32W108CB Datasheet HTML 223Page - STMicroelectronics STM32W108CB Datasheet HTML 224Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 278 page
background image
Analog-to-digital converter
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
220/278
Doc ID 16252 Rev 14
11.1.4
Offset/gain correction
When a conversion is complete, the 16-bit converted data is processed by offset/gain
correction logic:
●
The basic ADC conversion result is added to the 16-bit signed (two’s complement)
value of the ADC offset register (ADC_OFFSETR).
●
The offset-corrected data is multiplied by the 16-bit ADC gain register, ADC_GAINR, to
produce a 16-bit signed result. If the product is greater than 0x7FFF (32767), or less
than 0x8000 (-32768), it is limited to that value and the SAT bit is set in the ADC_ISR
register.
●
The offset/gain corrected value is divided by two to produce the final result.
ADC_GAINR is an unsigned scaled 16-bit value: GAIN[15] is the integer part of the gain
factor and GAIN[14:0] is the fractional part. As a result, ADC_GAINR values can represent
gain factors from 0 through (2 – 2-15).
Reset initializes the offset to zero (ADC_OFFSETR = 0) and gain factor to one
(ADC_GAINR = 0x8000).
For the STM32W108CC and STM32108CZ devices, a software mechanism is used to
measure and cancel the HV buffer offset.
The HV offset calculation requires two measurements with respectively CHOP = 1 and
CHOP = 0.
The HV offset values is then calculated as follows:
2
HV_buf_out
()
0
HV_buf_out
()
1
–
()
×
where:
(HV_buf_out)0 and (HV_buf_out)1 are the outputs of the HV buffer (input of the ADC).
11.1.5
DMA
The ADC DMA channel writes converted data, which incorporates the offset/gain correction,
into a DMA buffer in RAM.
The ADC DMA buffer is defined by two registers:
●
ADC_DMAMSAR is the start address of the buffer and must be even.
●
ADC_DMANDTR specifies the size of the buffer in 16-bit samples, or half its length in
bytes.
To prepare the DMA channel for operation, reset it by writing the RST bit in the
ADC_DMACR register, then start the DMA in either linear or auto wrap mode by setting the
LOAD bit in the ADC_DMACR register. The AUTOWRAP bit in the ADC_DMACR register
selects the DMA mode: 0 for linear mode, 1 for auto wrap mode.
●
In linear mode the DMA writes to the buffer until the number of samples given by
ADC_DMANDTR has been output. Then the DMA stops and sets the DMABF bit in the
ADC_ISR register. If another ADC conversion completes before the DMA is reset or the
ADC is disabled, the DMAOVF bit in the ADC_ISR register is set.
●
In auto wrap mode the DMA writes to the buffer until it reaches the end, then resets its
pointer to the start of the buffer and continues writing samples. The DMA transfers
continue until the ADC is disabled or the DMA is reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com