Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 236 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 236 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 232Page - STMicroelectronics STM32W108CB Datasheet HTML 233Page - STMicroelectronics STM32W108CB Datasheet HTML 234Page - STMicroelectronics STM32W108CB Datasheet HTML 235Page - STMicroelectronics STM32W108CB Datasheet HTML 236Page - STMicroelectronics STM32W108CB Datasheet HTML 237Page - STMicroelectronics STM32W108CB Datasheet HTML 238Page - STMicroelectronics STM32W108CB Datasheet HTML 239Page - STMicroelectronics STM32W108CB Datasheet HTML 240Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 278 page
background image
Interrupts
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
236/278
Doc ID 16252 Rev 14
The NVIC also contains a software-configurable interrupt prioritization mechanism. The
Reset, NMI, and Hard Fault exceptions, in that order, are always the highest priority, and are
not software-configurable. All other exceptions can be assigned a 5-bit priority number, with
low values representing higher priority. If any exceptions have the same software-
configurable priority, then the NVIC uses the hardware-defined priority. The hardware-
defined priority number is the same as the position of the exception in the exception table.
For example, if IRQA and IRQB both fire at the same time and have the same software-
defined priority, the NVIC handles IRQA, with priority number 28, first because it has a
higher hardware priority than IRQB with priority number 29.
For further information on the NVIC and Cortex-M3 exceptions, refer to the ARM® Cortex-
M3 Technical Reference Manual and the ARM ARMv7-M Architecture Reference Manual.
12.2
Management interrupt registers
12.2.1
Management interrupt source register (MGMT_ISR)
Address offset: 0x4000 A018
Reset value:
0x0000 0000
Reserved, must be kept at reset value
HSECOMPHLIF: OSC24M_HI interrupt
HSECOMPLLIF: OSC24M_LO interrupt
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
HSE
COMPH
LIF
HSE
COMPL
LIF
rw
rw
Bits [31:2]
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com