Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 261 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 261 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 257Page - STMicroelectronics STM32W108CB Datasheet HTML 258Page - STMicroelectronics STM32W108CB Datasheet HTML 259Page - STMicroelectronics STM32W108CB Datasheet HTML 260Page - STMicroelectronics STM32W108CB Datasheet HTML 261Page - STMicroelectronics STM32W108CB Datasheet HTML 262Page - STMicroelectronics STM32W108CB Datasheet HTML 263Page - STMicroelectronics STM32W108CB Datasheet HTML 264Page - STMicroelectronics STM32W108CB Datasheet HTML 265Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
Electrical characteristics
Doc ID 16252 Rev 14
261/278
14.10.2
Transmit
Table 68 lists the key parameters of the integrated IEEE 802.15.4 transmitter on the
STM32W.
Note:
Transmit measurements were collected with ST’s STM32W Ceramic Balun Reference
Design (Version A0) at 2440 MHz. The Typical number indicates one standard deviation
above the mean, measured at room temperature (25
° C). The Min and Max numbers were
measured over process corners at room temperature
Maximum output power (boost
mode)
At highest power setting
Maximum output power
At highest power setting
Minimum output power
At lowest power setting
Error vector magnitude
As defined by IEEE 802.15.4,
which sets a 35% maximum
Carrier frequency error
PSD mask relative
3.5 MHz away
PSD mask absolute
3.5 MHz away
Maximum input signal level for
correct operation
0––
dBm
Co-channel rejection
IEEE 802.15.4 signal at -82
dBm
–-6–
dBc
Relative frequency error
(2x40 ppm required by IEEE
802.15.4)
-120
–
+120
ppm
Relative timing error
(2x40 ppm required by IEEE
802.15.4)
-120
–
+120
ppm
Linear RSSI range
As defined by IEEE 802.15.4
40
–
–
dB
RSSI Range
-90–-40
dBm
Table 67.
Receive characteristics (continued)
Parameter
Conditions
Min.
Typ.
Max.
Unit
Table 68.
Transmit characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
–8–
dBm
15–
dBm
–-55
–
dBm
–5
15
%
-40
–
+40
ppm
-20
–
–
dB
-30
–
–
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com