Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTV07R Datasheet(PDF) 27 Page - Amphenol Corporation

Part # CTV07R
Description  Subminiature Cylindrical Connectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CTV07R Datasheet(HTML) 27 Page - Amphenol Corporation

Back Button CTV07R Datasheet HTML 23Page - Amphenol Corporation CTV07R Datasheet HTML 24Page - Amphenol Corporation CTV07R Datasheet HTML 25Page - Amphenol Corporation CTV07R Datasheet HTML 26Page - Amphenol Corporation CTV07R Datasheet HTML 27Page - Amphenol Corporation CTV07R Datasheet HTML 28Page - Amphenol Corporation CTV07R Datasheet HTML 29Page - Amphenol Corporation CTV07R Datasheet HTML 30Page - Amphenol Corporation CTV07R Datasheet HTML 31Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 54 page
background image
25
TVSIY (D38999/25) – hermetic, metal
solder mounting receptacle
MS
B Thread
GG
KK
Shell
Class 2A
L
M
Dia.
Dia.
Shell
Size
0.1P-0.3L-TS
+.011
+.006
+.011
+.001
Size
Code
(Plated)
–.005
–.005
–.010
–.005
9
A
.6250
.806
.125
.750
.672
11
B
.7500
.806
.125
.844
.781
13
C
.8750
.806
.125
.969
.906
15
D
1.0000
.806
.125
1.094
1.031
17
E
1.1875
.806
.125
1.218
1.156
19
F
1.2500
.806
.125
1.312
1.250
21
G
1.3750
.806
.125
1.438
1.375
23
H
1.5000
.838
.156
1.563
1.500
25
J
1.6250
.838
.156
1.688
1.625
GG
KK
MS
L
M
Dia.
Dia.
Shell
Shell Size
+.28
+.15
+.28
+.03
Size
Code
–.00
–.13
–.25
–.13
9
A
20.47
3.18
19.05
17.07
11
B
20.47
3.18
21.44
19.84
13
C
20.47
3.18
24.61
23.01
15
D
20.47
3.18
27.79
26.19
17
E
20.47
3.18
30.94
29.36
19
F
20.47
3.18
33.32
31.75
21
G
20.47
3.18
36.53
34.93
23
H
21.29
3.96
39.70
38.10
25
J
21.29
3.96
42.88
41.28
Millimeters
Inches
All dimensions for reference only
Part number reference.
See how to order, pages 43, 44
to complete.
TVSIY-XX-XXX
TVSIYN-XX-XXX
D38999/25
† Red band indicates fully mated
GG
B THREAD
RED BAND †
.375 MAX
9.53 MAX
KK
M
L
.031+.006
–.005
.79 +.15
–.13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com