Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTV07R Datasheet(PDF) 4 Page - Amphenol Corporation

Part # CTV07R
Description  Subminiature Cylindrical Connectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CTV07R Datasheet(HTML) 4 Page - Amphenol Corporation

  CTV07R Datasheet HTML 1Page - Amphenol Corporation CTV07R Datasheet HTML 2Page - Amphenol Corporation CTV07R Datasheet HTML 3Page - Amphenol Corporation CTV07R Datasheet HTML 4Page - Amphenol Corporation CTV07R Datasheet HTML 5Page - Amphenol Corporation CTV07R Datasheet HTML 6Page - Amphenol Corporation CTV07R Datasheet HTML 7Page - Amphenol Corporation CTV07R Datasheet HTML 8Page - Amphenol Corporation CTV07R Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
2
Amphenol® Tri-Start
offers more versatility & options
than any other interconnection family
Fiber Optic Multi-Channel D38999
Filter/Transient
Protection
MIL-DTL-38999 Series III
D38999 Ground Plane with
Metallic Insert, Power
Contacts and
Shielded Twinax
Contacts
MIL-DTL-38999 with
Shielded Coax Contacts
D38999 with PC Tail
Coax Contacts and
Alignment Disc
D38999 with Flex
Termination for
Attachment to PCB
Boards
MIL-DTL-38999 Lanyard
“Breakaway” Connector
Qualified for MIL-STD-1760
Hermetic Tri-Start
MIL-DTL-38999 Series III
The Tri-Start Connector is the high performance choice
in the D38999 Family.
Originally designed in order to increase the performance lev-
els of MIL-DTL-38999 Series I and II, the Series III was cre-
ated to meet high performance connector criteria.
Dynamic features for performance and reliability that were
needed for military, aerospace and ground vehicle applica-
tions were designed into the Series III that include:
•
Rapid coupling via a triple-start thread
•
Shell-to-shell or metal-to-metal bottoming
•
Improved EMI shielding
The Tri-Start Family of connectors has grown and expanded
since its original addition to the 38999 series in order to meet
ever-evolving interconnection product needs. Today, the Tri-
Start family has styles and options that cover a very wide
range to meet not only the highest performance needs of
space applications, but also general duty connector needs.
The Tri-Start Connector Series is second to none in
terms of versatility and customer options.
The broad porfolio includes Tri-Starts with:
•
Aluminum and nickel plated stainless steel shells
•
Class K Firewalls
•
Composite shells
•
Clutch-Lok® high vibration design
•
Fiber Optics
•
Fail-Safe Lanyard Release connectors
•
Variety of contact options: shielded, coax, matched imped-
ance coax, triax, twinax, quadrax, thermocouple, PCB tail and
wire wrap
•
Ground plane versions and Press-fit® with compliant pins
•
ESD (Electrostatic Discharge) protection
•
Filter/Transient protection
•
Hermetic versions
•
Long reach receptacle styles
•
Numerous shell geometries,
finishes and accessories
See more on Tri-Start specials
on pages 48-51.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com