Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTV07R Datasheet(PDF) 47 Page - Amphenol Corporation

Part # CTV07R
Description  Subminiature Cylindrical Connectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CTV07R Datasheet(HTML) 47 Page - Amphenol Corporation

Back Button CTV07R Datasheet HTML 43Page - Amphenol Corporation CTV07R Datasheet HTML 44Page - Amphenol Corporation CTV07R Datasheet HTML 45Page - Amphenol Corporation CTV07R Datasheet HTML 46Page - Amphenol Corporation CTV07R Datasheet HTML 47Page - Amphenol Corporation CTV07R Datasheet HTML 48Page - Amphenol Corporation CTV07R Datasheet HTML 49Page - Amphenol Corporation CTV07R Datasheet HTML 50Page - Amphenol Corporation CTV07R Datasheet HTML 51Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 54 page
background image
45
Connector Type
CTV
designates Tri-Start Series Connector
CTVP
designates panel mounted receptacle
CTVS
designates 200°C rated
CTVPS designates panel mounted, 200°C rated receptacle
Shell Style
00
designates wall mount receptacle
01
designates line receptacle
02
designates box mount receptacle*
06
designates straight plug
07
designates jam nut receptacle
Service Class
RF
electroless nickel plated composite, 200°C, 2000 hour
salt spray
RW
olive drab cadmium plated composite, 175°C
RGF** electroless nickel plated ground plane composite,
200°C
RGW** olive drab cadmium plated ground plane composite,
175°C
RQF
same as RF composite except with Quadrax contacts
RQW
same as RW composite except with Quadrax contacts
RGQF same as RGF composite except with Quadrax contacts
RGQW same as RGW composite except with Quadrax contacts
DN
Durmalon plated, Nickel-PTFE alternative to Cadmium.
Corrosion resistant, 1,000 hour salt spray, EMI- 50dB at
10GHz specification min., 175 degrees
Shell Size
9 thru 25 available
Insert Arrangement
MIL-DTL-38999, see insert arrangement charts, pgs. 6 &7.
Contact Type
H designates 1500 cycle pin contacts
J designates 1500 cycle socket contacts
P designates 500 cycle pin contacts
S designates 500 cycle socket contacts
Alternate Positions
Locksmith keying - rotation of minor keys. “N” not required
for normal position, see page 8.
CTVPS
00
RF – 9
– 35
P
B
Connector Type
Shell Style
Service Class
Shell Size
Insert Arrangement
Contact Type
Alternate Positions
Proprietary Part Number
* Consult Amphenol Aerospace, Sidney, NY for availability.
** For more information on Coax/Triax/Twinax Ground Plane Connectors
see page 49.
Tri-Start
how to order – (Amphenol® CTV, composite)
Amphenol® Tri-Start Composite Connectors can be ordered by coded part number.
Ordering procedure is illustrated by part number CTVPS00RF-9-35PB as shown below:
Amphenol® Federal Vendor Identification/FSCM 77820



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com