Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTV07R Datasheet(PDF) 32 Page - Amphenol Corporation

Part # CTV07R
Description  Subminiature Cylindrical Connectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CTV07R Datasheet(HTML) 32 Page - Amphenol Corporation

Back Button CTV07R Datasheet HTML 28Page - Amphenol Corporation CTV07R Datasheet HTML 29Page - Amphenol Corporation CTV07R Datasheet HTML 30Page - Amphenol Corporation CTV07R Datasheet HTML 31Page - Amphenol Corporation CTV07R Datasheet HTML 32Page - Amphenol Corporation CTV07R Datasheet HTML 33Page - Amphenol Corporation CTV07R Datasheet HTML 34Page - Amphenol Corporation CTV07R Datasheet HTML 35Page - Amphenol Corporation CTV07R Datasheet HTML 36Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
30
HOW TO ORDER - BY MILITARY PART NUMBER
FAIL SAFE D38999/29 & D38999/30
Ordering procedure for example part number
D38999/29FB35EN is shown below:
D38999/
29
F
B
35 E N
D38999/DOD Number
Prefix
Specification
Sheet Number
Service Class
Shell Size Code
Insert Arrangement
Lanyard Length Code
Polarizing Position
DOD Number Prefix
D38999/ designates MIL-DTL-38999,
Series III Tri-Start Connectors
Specification Sheet Number
29 designates Lanyard Release Plug with pin contacts
30 designates Lanyard Release Plug with socket contacts
Service Class
F designates electroless nickel plated aluminum,
optimum EMI shielding effectiveness –65dB @ 10 GHz
specification min., 48 hour salt spray, 200°C
W designates corrosion resistant olive drab cadmium
plate aluminum, 500 hour extended salt spray,
EMI –50dB @ 10 GHz specification min., 175°C
Shell Size Code
MIL-DTL-38999, Sizes 11 thru 25
A*
B
C
D
E
F
G
H
J
MIL Shell Size
9*
11
13
15
17
19
21
23
25
Amphenol
Shell Size
* Shell size 9 not available
Insert Arrangement
MIL-DTL-38999, see insert availability chart on page 29.
Lanyard Length Code
See Table II (page 29) for lanyard length code number.
Polarizing Position
For alternate positions of connector (to prevent cross-
mating) see alternate positioning on page 8. (N indicates
normal)
D38999/29 & D38999/30
TV Breakaway Fail Safe
lanyard release plug – how to order, cont.
88
–
5565
29
–
E
P
Finish
Connector Type Identification
Shell Size and Insert
Arrangement Code
Lanyard Length Code
Contact Type/Alternate Insert Rotation
Finish
88 designates corrosion resistant olive drab cadmium
plate over nickel, 500 hour extended salt spray,
EMI –50dB @ 10 GHz specification min., 175°C
91 designates electroless nickel plated aluminum,
optimum EMI shielding effectiveness –65dB @ 10 GHz
specification min., 48 hour salt spray, 200°C
These are standard finishes. Consult Amphenol Aerospace,
Sidney, NY for variations.
Connector Type Identification
88/91-5565 designates MIL-DTL-38999, Series III Tri-Start
Lanyard Release Plug
Shell Size and Insert Arrangement Code
Shell sizes are MIL-DTL-38999, Series III from 11 thru 25. The
basic part number selected specifies the insert arrangement.
See Table I (page 29) for coded part number that correlates to
insert arrangement.
Lanyard Length Code
See Table II (page 29) for lanyard length code number.
Contact Type/Alternate Rotations
P designates pin, S designates socket for normal positioning
of contacts. When an alternate position of the connector is
required to prevent cross-mating, a different letter (other than
P or S) is used. See alternate positioning on page 8, then
convert to Amphenol proprietary coding by the following chart.
HOW TO ORDER - BY PROPRIETARY PART NUMBER
FAIL SAFE 88-5565( ) & 91-5565( )
Ordering procedure for example part number 88-556529-EP is
shown below:
Pin Contacts
Socket Contacts
MS Letter
Amphenol Letter
MS Letter
Amphenol Letter
PN
P (normal)
SN
S (normal)
PA
G
SA
H
PB
I
SB
J
PC
K
SC
L
PD
M
SD
N
PE
R
SE
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com