Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTV07R Datasheet(PDF) 45 Page - Amphenol Corporation

Part # CTV07R
Description  Subminiature Cylindrical Connectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CTV07R Datasheet(HTML) 45 Page - Amphenol Corporation

Back Button CTV07R Datasheet HTML 41Page - Amphenol Corporation CTV07R Datasheet HTML 42Page - Amphenol Corporation CTV07R Datasheet HTML 43Page - Amphenol Corporation CTV07R Datasheet HTML 44Page - Amphenol Corporation CTV07R Datasheet HTML 45Page - Amphenol Corporation CTV07R Datasheet HTML 46Page - Amphenol Corporation CTV07R Datasheet HTML 47Page - Amphenol Corporation CTV07R Datasheet HTML 48Page - Amphenol Corporation CTV07R Datasheet HTML 49Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
43
Tri-Start
how to order – (Amphenol® TV, metal)
how to order – (Amphenol® TV26 CLUTCH-LOK®)
Connector Type
TV
designates Tri-Start Series Connector
TVP
designates back panel mounted receptacle
TVS
designates 200°C rated
TVPS
designates back panel mounted, 200°C rated receptacle
MTV
designates CLUTCH-LOK connector with “MS” stamping
(Note: remove dashes in how to order part number when
ordering CLUTCH-LOK)
Shell Style
00
designates wall mount receptacle
01
designates line receptacle
02
designates box mount receptacle
06
designates straight plug
26
designates proprietary CLUTCH-LOK high vibration straight
plug (available in service classes RK and RS only)
07
designates jam nut receptacle
09
designates flange mounted plug
IY
designates solder mounted receptacle, hermetic only
HIY
designates weld mounted receptacle, hermetic only
Service Class
RX
alternate finish, requires special variation suffix. Example:
non-conductive, anodic coated aluminum is defined by
variation suffix 005. Consult Amphenol, Sidney NY for
details, options and availability of non-cadmium or nickel
finishes.
RF
electroless nickel plated aluminum, optimum EMI
shielding effectiveness –65dB @ 10GHz specification
min., 48 hour salt spray, 200°C
RGF**
electroless nickel plated ground plane aluminum, 200°C
RGW** olive drab cadmium plated ground plane aluminum, 175°C
RK*
corrosion resistant stainless steel, firewall capability, plus
500 hour salt spray resistance, EMI –45 dB @ GHz
specification min., 200°C
RW
corrosion resistant olive drab cadmium plate aluminum,
500 hour extended salt spray, EMI –50 dB @ 10 GHz
specification min., 175°C
RQF
same as RF except with Quadrax contacts
RGQF
same as RGF except with Quadrax contacts
RGQW same as RGW except with Quadrax contacts
RQK
same as RK except with Quadrax contacts and not
firewall capable
RQW
same as RW except with Quadrax contacts
Y
hermetic seal, passivated stainless steel, 200°C
RS*
(non-hermetic connectors), nickel plated stainless
steel, optimum EMI shielding effectiveness –65dB
@ 10 GHz specification min., 500 hour salt spray,
200°C, firewall barrier
YN
(hermetic connectors), nickel plated stainless steel,
200°C
DN
Durmalon plated, Nickel-PTFE alternative to Cadmium.
Corrosion resistant, 1,000 hour salt spray, EMI- 50dB at
10GHz specification min., 175 degrees
Shell Size
MIL-DTL-38999, Sizes 9-25.
TVPS
00
RF
-
9
-35
P
B
(XXX)
Connector Type
Shell Style
Service Class
Shell Size
Insert Arrangement
Contact Type
Alternate Positions
Special Variations
Proprietary Part Number
* Coaxial arrangements are not available in these classes.
** For more information on Coax/Triax/Twinax Ground Plane
Connectors see page 49.
A
B
C
D
E
F
G
H
J
MIL Shell Size
9
11
13
15
17
19
21
23
25
Amphenol
Shell Size
Insert Arrangement
MIL-DTL-38999, see insert arrangement charts, pgs. 6 & 7.
Contact Type
P designates pin contacts
S designates socket contacts
Alternate Positions
Locksmith keying - rotation of minor keys. See page 8.
“N” not required for normal position.
Special Variations
Consult Amphenol Aerospace, Sidney, NY for variations.
Amphenol® Tri-Start Connectors (metal) can be ordered by coded part number.
Ordering procedure is illustrated by part number TVPS00RF-9-35PB( ) as shown below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com