Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTV07R Datasheet(PDF) 44 Page - Amphenol Corporation

Part # CTV07R
Description  Subminiature Cylindrical Connectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CTV07R Datasheet(HTML) 44 Page - Amphenol Corporation

Back Button CTV07R Datasheet HTML 40Page - Amphenol Corporation CTV07R Datasheet HTML 41Page - Amphenol Corporation CTV07R Datasheet HTML 42Page - Amphenol Corporation CTV07R Datasheet HTML 43Page - Amphenol Corporation CTV07R Datasheet HTML 44Page - Amphenol Corporation CTV07R Datasheet HTML 45Page - Amphenol Corporation CTV07R Datasheet HTML 46Page - Amphenol Corporation CTV07R Datasheet HTML 47Page - Amphenol Corporation CTV07R Datasheet HTML 48Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 54 page
background image
42
Where 2 or 3 tools are listed for a contact size, only one tool and its die or
positioner are required to crimp the contact.
The above crimping tools and positioners are available from the approved tool
manufacturer.
Tri-Start
application tools
The following data includes information pertaining to the appli-
cation tools which have been established for crimping, inserting,
and removing contacts incorporated in the TV, CTV and MIL-
DTL-38999 Series III connectors. For additional information on
coax, twinax and triax contact tools see catalog 12-130.
All crimping tools included are the “full cycling” type and when
used as specified in the installation instructions (L-624 and L-
844) covering the TV, CTV and MS series connectors, will pro-
vide reliable crimped wire to contact terminations. There is a
possibility of additional crimping tools other than those included
being available at present or in the future for this specific appli-
cation.
CRIMPING TOOLS
INSERTION TOOLS
REMOVAL TOOLS
Contact
Crimping
Turret Die
Size/Type
Tool
or Positioner
12 Pin and Socket
M22520/1-01
M22520/1-04
16 Pin and Socket
M22520/1-01
M22520/1-04
M22520/7-01
M22520/7-04
20 Pin and Socket
M22520/1-01
M22520/1-04
M22520/2-01
M22520/2-10
M22520/7-01
M22520/7-08
22D Pin
M22520/2-01
M22520/2-09
M22520/7-01
M22520/7-07
22D Socket
M22520/2-01
M22520/2-07
M22520/7-01
M22520/7-05
8 Twinax Center
M22520/2-01
M22520/2-37
Pin and Socket
8 Twinax Intermediate
M22520/5-01
M22520/5-200
Outer Pin & Socket
Contact
Crimping
Turret Die
Size/Type
Tool
or Positioner
8 Coaxial Inner
M22520/2-01
M22520/2-31
Pin and Socket
M22520/5-01
M22520/5-05
Die Closure B
8 Coaxial Outer Pin
M22520/5-01
M22520/5-41
and Socket
Die Closure B
M22520/10-01
M22520/10-07
Die Closure B
16 Coaxial Inner
M22520/2-01
M22520/2-35
Pin and Socket
16 Coaxial Outer
M22520/4-01
M22520/4-02
Pin and Socket
12 Coaxial Inner
M22520/2-01
M22520/2-34
Pin and Socket
12 Coaxial Outer
M22520/31-01
M22520/31-02
Pin and Socket
10 (Power)
TP201423
1716P-1
Plastic Tools
Metal Tools
For Unwired
Angle Type
Use with
Contacts
Straight Type
Contact
MS
Proprietary
MS
Proprietary
Proprietary
Size
Part Number
Color
Part Number
Part Number
Part Number Part Number
Color
10 (Power)
M81969/14-05*
(Gray) / White
†
M81969/8-12
†
†
Green / White
12
M81969/14-04*
(Yellow) / White 11-10050-11
M81969/8-10
11-8675-12
11-8795-12
Yellow / White
16
M81969/14-03*
(Blue) / White
11-10050-10
M81969/8-08
11-8675-16
11-8795-16
Blue / White
20
M81969/14-10*
(Orange) / Red 11-10050-9
M81969/8-06
11-8675-20
11-8795-20
Red / Orange
22D
M81969/14-01*
(Green) / White 11-10050-7
M81969/8-02
11-8675-24
11-8795-24
Green / White
8 Coaxial
M81969/14-12
Green
None
None
11-9170
DRK264-8†† N/A
8 Twinax
M81969/14-12
Green
None
M81969/46-12**
11-9170
N/A
N/A
Plastic Tools
Metal Tools
Use with
Angle Type
Straight Type
Contact
MS
MS
Proprietary
Proprietary
Size
Part Number
Color
Part Number
Part Number
Part Number
Color
10 (Power
M81969/14-05*
Gray / (White)
M81969/8-11
†
†
Green
12
M81969/14-04*
Yellow / (White)
M81969/8-09
11-8674-12
11-8794-12
Yellow
16
M81969/14-03*
Blue / (White)
M81969/8-07
11-8674-16
11-8794-16
Blue
20
M81969/14-10*
Red / (Orange)
M81969/8-05
11-8674-20
11-8794-20
Red
22D
M81969/14-01*
Green / (White)
M81969/8-01
11-8674-24
11-8794-24
Black
8 Coaxial
None Required
8 Twinax
None
M81969/46-06**
None
Red
The M81969/8, 11-8674, 11-8675, and 11-8794 metal contact insertion and removal tools will accommodate wires having the maximum outside
diameter as follows: Contact size 12: dia. is .155, size 16: dia. is .109, size 20: dia. is .077, size 22D: dia. is .050. When wire diameters exceed those
specified, the plastic tools must be used.
† To be determined.
†† Contact Daniels Manufacturing Co.
for availability.
* Double end insertion/removal tool.
** Twinax insertion tools are available only in a straight type, metal version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com