Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTV07R Datasheet(PDF) 38 Page - Amphenol Corporation

Part # CTV07R
Description  Subminiature Cylindrical Connectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CTV07R Datasheet(HTML) 38 Page - Amphenol Corporation

Back Button CTV07R Datasheet HTML 34Page - Amphenol Corporation CTV07R Datasheet HTML 35Page - Amphenol Corporation CTV07R Datasheet HTML 36Page - Amphenol Corporation CTV07R Datasheet HTML 37Page - Amphenol Corporation CTV07R Datasheet HTML 38Page - Amphenol Corporation CTV07R Datasheet HTML 39Page - Amphenol Corporation CTV07R Datasheet HTML 40Page - Amphenol Corporation CTV07R Datasheet HTML 41Page - Amphenol Corporation CTV07R Datasheet HTML 42Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
36
Tri-Start – accessories
dummy receptacle
B Thread
MS
Class 2A
M
T
TT
Shell
Shell Size
0.1P-0.3L-TS
+.020
R1
R2
S
+.008
W
+.008
Size
Coded
(Plated)
–.000
±.010
–.006
±.010
–.006
9
A
.6250
.822
.719
.594
.938
.128
.098
.216
11
B
.7500
.822
.812
.719
1.031
.128
.098
.194
13
C
.8750
.822
.906
.812
1.125
.128
.098
.194
15
D
1.0000
.822
.969
.906
1.219
.128
.098
.173
17
E
1.1875
.822
1.062
.969
1.312
.128
.098
.194
19
F
1.2500
.822
1.156
1.062
1.438
.128
.098
.194
21
G
1.3750
.791
1.250
1.156
1.562
.128
.125
.194
23
H
1.5000
.791
1.375
1.250
1.688
.154
.125
.242
25
J
1.6250
.791
1.500
1.375
1.812
.154
.125
.242
Millimeters
Inches
10-No
Finish
Suffix
Olive drab, cadmium,
nickel base
Electroless nickel
-XXG
-XX9
* To complete order number, add shell size and suffix number.
For example, shell size 11 with olive drab cadmium nickel
base, 10-553974-119
MS
M
T
TT
Shell
Shell Size
+.51
R1
R2
S
+.20
W
+.20
Size
Code
–.00
±.25
–.15
±.25
–.15
9
A
20.88
18.26
15.09
23.83
3.25
2.49
5.49
11
B
20.88
20.62
18.26
26.19
3.25
2.49
4.93
13
C
20.88
23.01
20.62
28.58
3.25
2.49
4.93
15
D
20.88
24.61
23.01
30.96
3.25
2.49
4.93
17
E
20.88
26.97
24.61
33.32
3.25
2.49
4.93
19
F
20.88
29.36
26.97
36.53
3.25
2.49
4.93
21
G
20.09
31.75
29.36
39.67
3.25
3.18
4.93
23
H
20.09
34.93
31.75
42.88
3.91
3.18
6.15
25
J
20.09
38.10
34.93
46.02
3.91
3.18
6.15
M
M
.005
.13
T
4 PLACES
TT
4 PLACES
S
2 PLACES
2 PLACES
2 PLACES
R1
R2
B THREAD
M
W
All dimensions for reference only
Designates true position dimensioning
Part number reference.
See note below to complete.
* 10-553974-XXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com