Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTV07R Datasheet(PDF) 53 Page - Amphenol Corporation

Part # CTV07R
Description  Subminiature Cylindrical Connectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CTV07R Datasheet(HTML) 53 Page - Amphenol Corporation

Back Button CTV07R Datasheet HTML 46Page - Amphenol Corporation CTV07R Datasheet HTML 47Page - Amphenol Corporation CTV07R Datasheet HTML 48Page - Amphenol Corporation CTV07R Datasheet HTML 49Page - Amphenol Corporation CTV07R Datasheet HTML 50Page - Amphenol Corporation CTV07R Datasheet HTML 51Page - Amphenol Corporation CTV07R Datasheet HTML 52Page - Amphenol Corporation CTV07R Datasheet HTML 53Page - Amphenol Corporation CTV07R Datasheet HTML 54Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 53 / 54 page
background image
51
Tri-Start – specials
deep reach and stand-off shells, connectors with
integral strain reliefs, ESD protection, RJ Field
OTHER SPECIALS WITHIN THE
TRI-START FAMILY OF CONNECTORS:
• Deep Reach Shells – for increased panel
thicknesses.
•
Stand-off Flange Shells – for attachment to
printed circuit boards
•
Connectors with Integral Strain Reliefs –
cost savings through integration of strain relef
to the shell.
•
Electrostatic Discharge (ESD) Protection –
Amphenol has developed a design feature for
the Tri-Start connector which will protect
sensitive components from Electrostatic
Discharge without diodes, varistors, gas
tubes, or “experimental” semiconductive
materials. These connectors utilize the
Faraday Cage principal to shunt electrostatic
discharge events to the conductive enclosure
on which the connector is mounted, thus
never allowing the high voltage, high current
discharge event to reside on any contacts.
The ESD protected connectors have the same
physical envelope as their standard counter-
parts, and do not require special mounting or
terminating techniques. All of the contacts
remain fully functional, and electrical charac-
teristics such as capacitance are not effected.
For more information on ESD protected
connectors, ask for Product Data Sheet 171.
Also publication L-2075, “ESD Attenuation
Test Procedure for Connectors with Faraday
Cage Protective Structures” is available as a
reference document.
Tri-Start Jam Nut Receptacle
with Deep Reach Shell
Tri-Start with Stand-off Flange
Tri-Start with Integral Strain Relief
Electrostatic Discharge (ESD) Testing
on Tri-Start Filter Connector
RJ FIELD CONNECTORS
Amphenol Socapex offers the RJF TV within the
MIL-DTL-38999 connector shell for Ethernet
connection. The RJ Field is designed for use
where it is necessary to go beyond the pro-
tected office environment of most Ethernet
applications, to the harsher environments of
industrial and even mil-aero applications. Allows
use of Ethernet Class D/Cat. 5e connection for
10 BaseT, 100 BaseTX, or 1000 Base T
networks.
Consult Amphenol Socapex for further informa-
tion.
RJF TV Connectors for Ethernet Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com