Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTV07R Datasheet(PDF) 42 Page - Amphenol Corporation

Part # CTV07R
Description  Subminiature Cylindrical Connectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CTV07R Datasheet(HTML) 42 Page - Amphenol Corporation

Back Button CTV07R Datasheet HTML 38Page - Amphenol Corporation CTV07R Datasheet HTML 39Page - Amphenol Corporation CTV07R Datasheet HTML 40Page - Amphenol Corporation CTV07R Datasheet HTML 41Page - Amphenol Corporation CTV07R Datasheet HTML 42Page - Amphenol Corporation CTV07R Datasheet HTML 43Page - Amphenol Corporation CTV07R Datasheet HTML 44Page - Amphenol Corporation CTV07R Datasheet HTML 45Page - Amphenol Corporation CTV07R Datasheet HTML 46Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 54 page
background image
40
Tri-Start – accessories
contacts, sealing plugs, protection caps
STANDARD 500 CYCLE CONTACTS FOR TV AND CTV, P & S
Contact
TV/CTV Pins
TV/CTV Sockets
Size
Military No.
Supersedes
Military No.
Supersedes
8 (Coax)*
M39029/60-367
MS27536
M39029/59-366
MS27535
8 (Power)
N/A
N/A
N/A
N/A
8 (Twinax)
M39029/90-529**
N/A
M39029/91-530
N/A
10 (Power)
M39029/58-528
N/A
M39029/56-527
N/A
12
M39029/58-365
MS27493-12
M39029/56-353
MS27490-12
16
M39029/58-364
MS27493-16
M39029/56-352
MS27490-16
20
M39029/58-363
MS27493-20
M39029/56-351
MS27490-20
22D
M39029/58-360
MS27493-22D
M39029/56-348
MS27490-22D
4
N/A
N/A
N/A
N/A
0
N/A
N/A
N/A
N/A
1500 CYCLE CONTACTS FOR CTV, CLASSES H & J
Contact
CTV Pins
CTV Sockets
Size
Proprietary No
Military No
Supersedes
Proprietary No
Military No
Supersedes
12
10-597072-2X
M39029/107-623
–
10-597073-2X
M39029/106-617
–
16
10-597068-2X
M39029/107-622
–
10-597069-2X
M39029/106-616
–
20
10-597064-2X
M39029/107-621
–
10-597065-2X
M39029/106-615
–
22D
10-597058-3X
M39029/107-620
–
10-597061-2X
M39029/106-614
–
PLASTIC PROTECTION CAPS
MS METAL PROTECTION CAPS
SEALING PLUGS
Shell
Plug
Rececptacle
Size
9
10-70506-14
10-70500-10
11
10-70506-16
10-70500-12
13
10-70500-18
10-70500-14
15
10-70500-20
10-70500-16
17
10-70500-22
10-70500-19
19
10-70500-24
10-70500-20
21
10-70524-1
10-70500-22
23
10-70506-28
10-70500-24
25
10-70500-28
10-70524-1
Contact
Proprietary
Military
Size
No.
No.
8 (Coax)
10-482099-8
N/A
8 (Twinax)
T3-4008-59P
N/A
8 (Power)
10-405996-81
MS27488-8-1
10 (Power)
10-576225
N/A
12
10-405996-121
MS27488-12-1
16
10-405996-161
MS27488-16-1
20
10-405996-201
MS27488-20-1
22D
10-405996-221
MS27488-22-1
4
10-405996-41
MS27488-4-1
0
10-405996-01
MS27488-0-1
Above part numbers include standard 500 cycle finish designation - gold plating over suitable
underplate in accordance with MIL-C-39029. For other finish variations, consult Sidney, NY.
*For use with RG180B/U and RG195A/U cable. For other size 8 coax or optional sizes 12
and 16 coax contacts available for use in Tri-Start connectors, see catalog 12-130 or consult
Amphenol, Sidney, NY
* To complete order number, replace X with applicable letter as follows:
R - designates eyelet type
N - designates washer type
MS metal protection caps are supplied with service class W which designates
corrosion resistant olive drab cadmium plate aluminum.
Consult Amphenol, Sidney, NY for more detailed information on ordering MS
Metal protection caps.
Shell
MS Shell
MS Plug
MS Receptacle
Size
Size Code
Protection Cap
Protection Cap
9
A
D38999/32W9X*
D38999/33W9X*
11
B
D38999/32W11X*
D38999/33W11X*
13
C
D38999/32W13X*
D38999/33W13X*
15
D
D38999/32W15X*
D38999/33W15X*
17
E
D38999/32W17X*
D38999/33W17X*
19
F
D38999/32W19X*
D38999/33W19X*
21
G
D38999/32W21X*
D38999/33W21X*
23
H
D38999/32W23X*
D38999/33W23X*
25
J
D38999/32W25X*
D38999/33W25X*
** For use with M17/M176-00002 cable.
† Optional design - see slash sheet MS39029.
For other contact options available for use in Tri-Start connectors,
(wire wrap, thermocouple, fiber optic) consult Amphenol. Wire wrap
data given on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com