Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTV07R Datasheet(PDF) 36 Page - Amphenol Corporation

Part # CTV07R
Description  Subminiature Cylindrical Connectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CTV07R Datasheet(HTML) 36 Page - Amphenol Corporation

Back Button CTV07R Datasheet HTML 32Page - Amphenol Corporation CTV07R Datasheet HTML 33Page - Amphenol Corporation CTV07R Datasheet HTML 34Page - Amphenol Corporation CTV07R Datasheet HTML 35Page - Amphenol Corporation CTV07R Datasheet HTML 36Page - Amphenol Corporation CTV07R Datasheet HTML 37Page - Amphenol Corporation CTV07R Datasheet HTML 38Page - Amphenol Corporation CTV07R Datasheet HTML 39Page - Amphenol Corporation CTV07R Datasheet HTML 40Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
34
B
A
.578 MAX
14.68 MAX
B
A
.167 +.010
–.005
4.24 +.25
–.13
6.000 APPROX
152.40 APPROX
.797 MAX
20.24 MAX
B
A
.797 MAX
20.24 MAX
D
6.000 APPROX
152.40 APPROX
*10-553310-XXX
*10-552943-XXX
*10-553970-XXX
3.500 APPROX
88.90 APPROX
*10-553120-XXX
Tri-Start – accessories
receptacle protection cap
A Thread
B
D Dia.
Shell
Class 2B
Dia.
+.010
Size
0.1P-0.3L-TS
Max
–.000
9
.6250
.875
.703
11
.7500
1.000
.844
13
.8750
1.125
1.016
15
1.0000
1.250
1.141
17
1.1875
1.438
1.266
19
1.2500
1.500
1.391
21
1.3750
1.625
1.516
23
1.5000
1.750
1.641
25
1.6250
1.875
1.766
Millimeters
Inches
10-No
Finish
Suffix
Olive drab, cadmium,
nickel base
Electroless nickel
-XXG
-XX9
MS
B
D Dia.
Shell
Shell Size
Dia.
+.25
Size
Code
Max
–.00
9
A
22.23
17.86
11
B
25.40
21.44
13
C
28.58
25.81
15
D
31.75
28.98
17
E
36.53
32.16
19
F
38.10
35.33
21
G
41.28
38.51
23
H
44.45
41.68
25
J
47.63
44.86
Consult Amphenol Aerospace for availability
of stainless steel protection caps.
* To complete order number, add shell size and suffix number.
For example, shell size 11 with olive drab cadmium nickel
base, 10-552943-119
All dimensions for reference only.
For MS protection caps, see page 40.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com