Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTV07R Datasheet(PDF) 37 Page - Amphenol Corporation

Part # CTV07R
Description  Subminiature Cylindrical Connectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CTV07R Datasheet(HTML) 37 Page - Amphenol Corporation

Back Button CTV07R Datasheet HTML 33Page - Amphenol Corporation CTV07R Datasheet HTML 34Page - Amphenol Corporation CTV07R Datasheet HTML 35Page - Amphenol Corporation CTV07R Datasheet HTML 36Page - Amphenol Corporation CTV07R Datasheet HTML 37Page - Amphenol Corporation CTV07R Datasheet HTML 38Page - Amphenol Corporation CTV07R Datasheet HTML 39Page - Amphenol Corporation CTV07R Datasheet HTML 40Page - Amphenol Corporation CTV07R Datasheet HTML 41Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
35
.167 +.010
–.005
4.24 +.25
–.13
5.000 APPROX
127.00 APPROX
N
B
1.166 MAX
29.62 MAX
5.000 APPROX
127.00 APPROX
N
B
1.166 MAX
29.62 MAX
D
*10-552944-XXX
*10-553998-XXX
A Thread
D Dia.
N
Shell
Class 2B
+.010
Dia.
Size
0.1P-0.3L-TS
–.000
Max
9
.6250
.516
.895
11
.7500
.641
1.000
13
.8750
.766
1.171
15
1.0000
.891
1.299
17
1.1875
1.016
1.436
19
1.2500
1.141
1.543
21
1.3750
1.266
1.670
23
1.5000
1.343
1.787
25
1.6250
1.516
1.914
* To complete order number, add shell size and suffix number.
For example, shell size 11 with olive drab cadmium nickel
base, 10-552944-119
Tri-Start - accessories
plug protection cap
Inches
10-No
Finish
Suffix
Olive drab, cadmium,
-XX9
nickel base
Electroless nickel
-XXG
All dimensions for reference only.
For MS protection caps, see page 40.
Consult Amphenol Aerospace for availability
of stainless steel protection caps.
Millimeters
MS
D Dia.
N
Shell
Shell Size
+.25
Dia.
Size
Code
–.00
Max
9
A
13.11
22.73
11
B
16.28
25.40
13
C
19.46
29.74
15
D
22.63
32.99
17
E
25.81
36.47
19
F
28.98
39.19
21
G
32.16
42.42
23
H
34.11
45.39
25
J
38.51
48.62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com