Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTV07R Datasheet(PDF) 46 Page - Amphenol Corporation

Part # CTV07R
Description  Subminiature Cylindrical Connectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CTV07R Datasheet(HTML) 46 Page - Amphenol Corporation

Back Button CTV07R Datasheet HTML 42Page - Amphenol Corporation CTV07R Datasheet HTML 43Page - Amphenol Corporation CTV07R Datasheet HTML 44Page - Amphenol Corporation CTV07R Datasheet HTML 45Page - Amphenol Corporation CTV07R Datasheet HTML 46Page - Amphenol Corporation CTV07R Datasheet HTML 47Page - Amphenol Corporation CTV07R Datasheet HTML 48Page - Amphenol Corporation CTV07R Datasheet HTML 49Page - Amphenol Corporation CTV07R Datasheet HTML 50Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
44
Tri-Start
how to order – (D38999, TV military, metal)
how to order – (MTV26 CLUTCH-LOK®)
Connector Type
D38999/ designates MIL-DTL-38999 Series III Connector
MTV designates military D38999/26 CLUTCH-LOK high vibration
straight plug (available in service class RK only)
Shell Style
20
designates wall mount receptacle
21
designates box mount receptacle, hermetic
23
designates jam nut receptacle, hermetic
24
designates jam nut receptacle
25
designates solder mount receptacle, hermetic
26
designates straight plug
27
designates weld mount receptacle, hermetic
Lanyard Release Connectors (See pages 28-32 for ordering)
29
designates lanyard release plug with pin contacts
30
designates lanyard release plug with socket contacts
31
designates lanyard release plug for MIL-STD-1760 with
pin contacts
Protection Caps (See page 40 for ordering MS protection caps)
32
designates plug protection cap
33
designates receptacle protection cap
Service Class
C
non-conductive, anodic coated aluminum, 500 hour salt
spray, 200°C
F
electroless nickel plated aluminum, optimum EMI
shielding effectiveness –65dB @ 10GHz specification
min., 48 hour salt spray, 200°C
G
space grade, electroless nickel, 48 hour salt spray, 200°C
K
corrosion resistant stainless steel, firewall capability, plus
500 hour salt spray resistance, EMI –45 dB @ GHz
specification min., 200°C
L
corrosion resistant steel, electrodeposited nickel, 48 hour
salt spray, 200°C
W
corrosion resistant olive drab cadmium plate aluminum,
500 hour extended salt spray, EMI –50 dB @ 10 GHz
specification min., 175°C
Y
hermetic seal, passivated stainless steel, 200°C
S
(non-hermetic connectors), nickel plated stainless
steel, optimum EMI shielding effectiveness –65dB
@ 10 GHz specification min., 500 hour salt spray,
200°C
N
(hermetic connectors), nickel plated stainless steel,
200°C
Shell Size
MIL-DTL-38999, Sizes 9-25.
D38999/
20
F
A
35
P
B
Connector Type
Shell Style
Service Class
Shell Size
Insert Arrangement
Contact Type
Alternate Positions
Military Part Number
To more easily illustrate ordering procedure of Tri-Start Connectors (metal) by military
designation, part number D38999/20F A35PB is shown as follows:
A
B
C
D
E
F
G
H
J
MIL Shell Size
9
11
13
15
17
19
21
23
25
Amphenol
Shell Size
Insert Arrangement
MIL-DTL-38999, see insert arrangement charts, pgs. 6 & 7.
Contact Type
P designates pin contacts
S designates socket contacts
A designates same as “P” except supplied less pin
contacts
B designates same as “S” except supplied less socket
contacts (A & B designates non-standard contact
applications)
X designates eyelet contacts, hermetics only
Alternate Positions
Locksmith keying - rotation of minor keys. See page 8.
Use N for normal.
Special Variations
Consult Amphenol Aerospace, Sidney, NY for variations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com